Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE1084 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1084
Description  1A Bipolar Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1084 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1084_17 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACE1084
1A Bipolar Linear Regulator
VER 1.2
1
Description
ACE1084 is a series of low dropout three terminal regulators with a typical dropout voltage of 1.4V at
5A load current.
Other than fixed voltage versions (1.8V, 2.5V, 3.3V, 5.0V), ACE1084 has an adjustable voltage version,
with which desired voltage can be achieved by setting the values of two external resistors of the
application circuitry.
ACE1084 offers thermal shut down and current limit functions to assure the stability of chip and power
system.
ACE1084 series is available in standard packages of TO-263-2L, TO-263-3L, TO-220 and TO-252.
Features
Fixed and adjustable versions.
Maximum output current: 5A
Maximum input voltage: 15V
Line regulation: 0.2% (Typical)
Load regulation: 0.2% (Typical)
On-Chip Thermal Shutdown
Operation environment Temperature:-25 ~85
Application
Power Management for Computer Mother Board, Graphic Card
Battery Charger
Post Regulators for Switching Supplies
Microprocessor Supply
Absolute Maximum Ratings
Parameter
Value
Max Input Valtage
15V
Operating Junction Temperature(Tj)
150
OC
Ambient Temperature
-25
OC-80 OC
Package Thermal Resistance
TO-252
12.5
OC/W
TO-263
3
OC/W
TO-220
3
OC/W
Storage temperature(Ts)
-40
OC-150 OC
Lead Temperature & Time
260
OC,10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE1084_17

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084 Datasheet
881Kb / 13P
   5A Bipolar Linear Regulator
VER 1.4
More results

Similar Description - ACE1084_17

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
   1A Bipolar Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117C LRC-LR1117C Datasheet
1,016Kb / 10P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com