Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE18010M04N Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE18010M04N
Description  N-Channel 100-V MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE18010M04N Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE18010M04N Datasheet HTML 1Page - ACE Technology Co., LTD. ACE18010M04N Datasheet HTML 2Page - ACE Technology Co., LTD. ACE18010M04N Datasheet HTML 3Page - ACE Technology Co., LTD. ACE18010M04N Datasheet HTML 4Page - ACE Technology Co., LTD. ACE18010M04N Datasheet HTML 5Page - ACE Technology Co., LTD. ACE18010M04N Datasheet HTML 6Page - ACE Technology Co., LTD. ACE18010M04N Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE18010M04N
N-Channel 100-V MOSFET
VER 1.1
1
Description
The ACE18010M40N uses advanced trench technology to provide excellent RDS(ON) and low gate charge.
This device is suitable for use as a load switch or in PWM applications. The source leads are separated to
allow a Kelvin connection to the source, which may be used to bypass the source inductance.
Features
Low rDS(on) trench technology
Low thermal impedance
Fast switching speed
Applications
LED Inverter Circuits
DC/DC Conversion Circuits
Motor drives
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous
Drain Current
a
TA=25℃
ID
180
A
Pulsed Drain Current
b
IDM
700
A
Continuous Source Current (Diode Conduction)
a
TA=25℃
IS
180
A
Power Dissipation
a
TA=25℃
PD
300
W
Single Pulse Avalanche Energy
d
E
AS
500
mJ
Operating temperature / storage temperature
TJ/TSTG
-55~175
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
C
t <= 10 sec
RθJA
62.5
°C/W
Steady State
0
Notes
a. Package Limited
b. Pulse width limited by maximum junction temperature
c. Surface Mounted on 1” x 1” FR4 Board.
d. Tj=25 °C, L=0.51mH, ID=45A, VDD=50V
PRODUCT SUMMARY
VDS (V)
rDS(on) (mΩ)
ID(A)
100
6.5 @ VGS = 10V
180A
8.5 @ VGS = 5.5V


Similar Part No. - ACE18010M04N

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE18205S ACE-ACE18205S Datasheet
186Kb / 2P
   Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE1820B ACE-ACE1820B Datasheet
968Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
logo
Lineage Power Corporati...
ACE184 LINEAGEPOWER-ACE184 Datasheet
230Kb / 6P
   12Vdc distributed power architectures Mid-End Blade Network Equipment
logo
ACE Technology Co., LTD...
ACE1851WM++ ACE-ACE1851WM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE18812B ACE-ACE18812B Datasheet
758Kb / 7P
   Common Drain N-Channel Enhancement Mode Power MOSFET with ESD Protection
VER 1.1
More results

Similar Description - ACE18010M04N

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
045N10A UMW-045N10A Datasheet
1Mb / 7P
   100 V N-Channel MOSFET
IRFS4410Z UMW-IRFS4410Z Datasheet
531Kb / 9P
   100 V N-Channel MOSFET
logo
ACE Technology Co., LTD...
ACE6010M70N ACE-ACE6010M70N Datasheet
691Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
IRFB4110 UMW-IRFB4110 Datasheet
843Kb / 9P
   100 V N-Channel MOSFET
logo
ACE Technology Co., LTD...
ACE2372M ACE-ACE2372M Datasheet
538Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
ACE4010M ACE-ACE4010M Datasheet
541Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
ACE4490M ACE-ACE4490M Datasheet
486Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
45N10N3G UMW-45N10N3G Datasheet
1Mb / 9P
   100 V N-Channel MOSFET
logo
ACE Technology Co., LTD...
ACE4494M ACE-ACE4494M Datasheet
477Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
065N10N UMW-065N10N Datasheet
884Kb / 9P
   100 V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com