Electronic Components Datasheet Search |
|
T110D105M015AT7293 Datasheet(PDF) 5 Page - Kemet Corporation |
|
T110D105M015AT7293 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2031_T110_AXIAL_T212 • 9/20/2016 55 Tantalum Through-Hole Capacitors – Hermetically Sealed T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style) Rated Voltage Rated Cap Case Size Code KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR13) Capacitors Dash Number Reference KEMET Equivalent Military Failure Rate Level (%/1,000 hours) MIL–PRF–39003/1K MIL–PRF–39003/1K Exponential Graded VDC µF (See below for part options) µA at 25°C Max/5 Minutes 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1.0) B (0.1) C (0.01) D (0.001) Part Number 10 1.5 A T110A155(1)010A(3) 0.3 4 10 1.8 A T110A185(1)010A(3) 0.3 4 10 2.2 A T110A225(1)010A(3) 0.3 4 10 2.7 A T110A275(1)010A(3) 0.3 4 10 3.3 A T110A335(1)010A(3) 0.3 4 10 3.9 A T110A395J0010A(3) 0.3 4 5009 5209 5409 5609 4021 6021 7021 8021 T212A395J010(2)S 10 3.9 A T110A395K0010A(3) 0.3 4 2253 2493 2733 2973 4022 6022 7022 8022 T212A395K010(2)S 10 3.9 A T110A395M010A(3) 0.3 4 10 4.7 A T110A475J010A(3) 0.4 4 5010 5210 5410 5610 4023 6023 7023 8023 T212A475J010(2)S 10 4.7 A T110A475K010A(3) 0.4 4 2254 2494 2734 2974 4024 6024 7024 8024 T212A475K010(2)S 10 4.7 A T110A475M010A(3) 0.4 4 2255 2495 2735 2975 4025 6025 7025 8025 T212A475M010(2)S 10 5.6 B T110B565(1)010A(3) 0.4 4 10 6.8 B T110B685(1)010A(3) 1.0 6 10 8.2 B T110B825(1)010A(3) 1.0 6 10 10.0 B T110B106(1)010A(3) 1.0 6 10 12.0 B T110B126(1)010A(3) 1.0 6 10 15.0 B T110B156(1)010A(3) 1.0 6 10 18.0 B T110B186(1)010A(3) 1.0 6 10 22.0 B T110B226(1)010A(3) 2.0 6 10 27.0 B T110B276J010A(3) 2.0 6 5011 5211 5411 5611 4026 6026 7026 8026 T212B276J010(2)S 10 27.0 B T110B276K010(3) 2.0 6 2256 2496 2736 2976 4027 6027 7027 8027 T212B276K010(2)S 10 27.0 B T110B276M010A(3) 2.0 6 10 33.0 B T110B336J010A(3) 2.0 6 5012 5212 5412 5612 4028 6028 7028 8028 T212B336J010(2)S 10 33.0 B T110B336K010A(3) 2.0 6 2257 2497 2737 2977 4029 6029 7029 8029 T212B336K010(2)S 10 33.0 B T110B336M010A(3) 2.0 6 2258 2498 2738 2978 4030 6030 7030 8030 T212B336M010(2)S 10 39.0 B T110B396J010A(3) 2.0 6 5013 5213 5413 5613 4031 6031 7031 8031 T212B396J010(2)S 10 39.0 B T110B396K010A(3) 2.0 6 2259 2499 2739 2979 4032 6032 7032 8032 T212B396K010(2)S 10 39.0 B T110B396M010A(3) 2.0 6 10 47.0 C T110C476(1)010A(3) 3.0 6 10 56.0 C T110C566(1)010A(3) 3.0 6 10 68.0 C T110C686(1)010A(3) 3.0 6 10 82.0 C T110C826J010A(3) 3.0 6 5014 5214 5414 5614 4033 6033 7033 8033 T212C826J010(2)S 10 82.0 C T110C826K010A(3) 3.0 6 2260 2500 2740 2980 4034 6034 7034 8034 T212C826K010(2)S 10 82.0 C T110C826M010A(3) 3.0 6 10 100.0 C T110C107J010AS 5.0 6 5015 5215 5415 5615 4035 6035 7035 8035 T212C107J010(2)S 10 100.0 C T110C107K010AS 5.0 6 2261 2501 2741 2981 4036 6036 7036 8036 T212C107K010(2)S 10 100.0 C T110C107M010AS 5.0 6 2262 2502 2742 2982 4037 6037 7037 8037 T212C107M010(2)S 10 120.0 C T110C127J010AS 6.0 6 5016 5216 5416 5616 4038 6038 7038 8038 T212C127J010(2)S 10 120.0 C T110C127K010A(3) 6.0 6 2263 2503 2743 2983 4039 6039 7039 8039 T212C127K010(2)S 10 120.0 C T110C127M010A(3) 6.0 6 10 150.0 D T110D157(1)010A(3) 9.0 6 10 180.0 D T110D187J010A(3) 9.0 6 5017 5217 5417 5617 4040 6040 7040 8040 T212D187J010(2)S 10 180.0 D T110D187K010A(3) 9.0 6 2264 2504 2744 2984 4041 6041 7041 8041 T212D187K010(2)S 10 180.0 D T110D187M010A(3) 9.0 6 10 220.0 D T110D227J010A(3) 10.0 8 5018 5218 5418 5618 4042 6042 7042 8042 T212D227J010(2)S VDC µF Case Size Code (see below for part options) µA at 25°C Max/5 Minimum 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1.0) B (0.1) C (0.01) D (0.001) Part Number Rated Voltage Rated Cap KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR13) Capacitors Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance. (2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours. Designates Reliability Level. (3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish. Refer to Ordering Information for additional detail. |
Similar Part No. - T110D105M015AT7293 |
|
Similar Description - T110D105M015AT7293 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |