Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBTC-2-25_25L Datasheet(PDF) 1 Page - Mini-Circuits

Part # SBTC-2-25_25L
Description  Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SBTC-2-25_25L Datasheet(HTML) 1 Page - Mini-Circuits

  SBTC-2-25_25L Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Splitter Electrical Specifications
Features
Applications
Typ. Min.
FREQ.
RANGE
(MHz)
PHASE
UNBALANCE
(Degrees)
Max.
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 3.0 dB
Typ. Max.
AMPLITUDE
UNBALANCE
(dB)
Max.
f
L-fU
1000-2500
20
14
1.4
2.5
14
1.2
1400-1800
18
14
0.9
1.7
8
0.7
1800-2000
19
16
1.0
1.7
8
0.8
• wide band frequency, 1000-2500 MHz
• excellent amplitude unbalance, 0.2 dB typ.
• small size, 0.166"x0.150"x0.155"
• temperature stable, BLUE CELL™ base
• solder plated leads for excellent solderability
• small size
• low cost
• patent pending
• PCN/PCS
• DECT
• PHS
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
S-1
Amplitude
Unbalance
(dB)
Isolation
(dB)
VSWR
S
(dB)
S-2
VSWR
1
VSWR
2
Phase
Unbalance
(deg.)
Outline Drawing
Maximum Ratings
Pin Connections
SUM PORT
6
PORT 1
3
PORT 2
4
GROUND
1,2
NOT USED
5
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.125W max.
Demo Board MCL P/N: TB-274
Suggested PCB Layout (PL-152)
Reflow Solder Assembly
Silver-bearing solder (Sn/Pb/Ag 62/36/2%) is recommended;
however, tin-lead eutectic (Sn/Pb 63/37%) may be used.
For temperature profiles, see Application Note AN-40-004
AT1029
A
B
C
D
E
F
G
H
J
K
L
wt.
.166 .150 .155 .050 .037 .025 .012 .060 .184 .030 .004 grams
4.22 3.81 3.94 1.27 0.94 0.64 0.30 1.52 4.67 0.76 0.10
.10
AT790
A
B
C
D
E
F
G
H
J
K
wt.
.150 .150 .150 .050 .030 .025 .028 .050 .160 .030
grams
3.81 3.81 3.81 1.27 0.76 0.64 0.71 1.27 4.06 0.76
.10
Outline Dimensions (
)
inch
mm
REV. C
M89618
SBTC-2-25
ED-9533/1
SBTC-2-25L ED-10035A/3
WZ/TD/CP
040212
AT790
AT1029
AT790 & AT1029
2 Way-0° 50
1000 to 2500 MHz
Power Splitter/Combiners
Surface Mount, Micro-Miniature
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
1000.00
4.10
3.83
0.28
22.47
2.79
1.72
1.68
1.57
1100.00
4.07
3.85
0.21
21.47
2.54
1.66
1.59
1.51
1200.00
4.05
3.90
0.15
20.62
2.39
1.61
1.51
1.46
1300.00
4.01
3.93
0.08
19.92
2.34
1.56
1.45
1.41
1400.00
3.98
3.96
0.04
19.49
2.36
1.51
1.39
1.36
1500.00
3.96
4.00
0.05
19.21
2.47
1.47
1.33
1.32
1600.00
3.93
4.03
0.10
19.18
2.66
1.42
1.28
1.27
1700.00
3.90
4.06
0.16
19.29
2.92
1.37
1.24
1.23
1800.00
3.88
4.09
0.21
19.68
3.28
1.32
1.21
1.18
1900.00
3.86
4.12
0.27
20.37
3.70
1.26
1.19
1.14
2000.00
3.84
4.16
0.32
21.53
4.23
1.20
1.18
1.10
2100.00
3.83
4.21
0.37
23.36
4.87
1.13
1.18
1.08
2200.00
3.84
4.26
0.42
26.19
5.57
1.06
1.18
1.10
2300.00
3.88
4.34
0.46
28.88
6.36
1.09
1.18
1.15
2500.00
4.08
4.63
0.55
21.85
8.22
1.39
1.15
1.30
No Leads
CASE STYLE:AT790
PRICE: $3.49 ea. QTY (25)
$2.69 ea. QTY (1000)
Leads
CASE STYLE:AT1029
PRICE: $3.64 ea. QTY (25)
$2.84 ea. QTY (1000)
SBTC-2-25
NEW!
SBTC-2-25L
SBTC-2-25L
ISOLATION
10
15
20
25
30
35
40
1000
1300
1600
1900
2200
2500
FREQUENCY (M H z)
at RF level -10 dBm
SBTC-2-25L
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
1000
1300
1600
1900
2200
2500
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
at RF level -10 dBm
SBTC-2-25L
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
1000
1300
1600
1900
2200
2500
FREQUENCY (M H z)
S-1(dB)
S-2(dB)
at RF level -10 dBm


Similar Part No. - SBTC-2-25_25L

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBTC-2-25++ MINI-SBTC-2-25+ Datasheet
307Kb / 1P
   POWER SPLITTER/COMBINERS
SBTC-2-25L++ MINI-SBTC-2-25L+ Datasheet
304Kb / 1P
   POWER SPLITTER/COMBINERS
SBTC-2-25LX MINI-SBTC-2-25LX Datasheet
324Kb / 1P
   Power Splitter/Combiner
SBTC-2-25X MINI-SBTC-2-25X Datasheet
354Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - SBTC-2-25_25L

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
   Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
SBTC-2-20_20L MINI-SBTC-2-20_20L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
   Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
SCA-4-10 MINI-SCA-4-10 Datasheet
135Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50??5 to 1000 MHz
SCA-4-20 MINI-SCA-4-20 Datasheet
124Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50??1000 to 2000 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
logo
List of Unclassifed Man...
ZA4PD-2 ETC2-ZA4PD-2 Datasheet
169Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
logo
Mini-Circuits
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
   Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
QCC-22 MINI-QCC-22 Datasheet
110Kb / 1P
   Power Splitter/Combiner 2 Way-90째 50??1500 to 2500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com