Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6201P502LR Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6201P502LR
Description  Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P502LR Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6201P502LR Datasheet HTML 6Page - Torex Semiconductor XC6201P502LR Datasheet HTML 7Page - Torex Semiconductor XC6201P502LR Datasheet HTML 8Page - Torex Semiconductor XC6201P502LR Datasheet HTML 9Page - Torex Semiconductor XC6201P502LR Datasheet HTML 10Page - Torex Semiconductor XC6201P502LR Datasheet HTML 11Page - Torex Semiconductor XC6201P502LR Datasheet HTML 12Page - Torex Semiconductor XC6201P502LR Datasheet HTML 13Page - Torex Semiconductor XC6201P502LR Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
XC6201 Series
194
3
■Typical Application Circuit
VIN
VOUT
VSS
1.0
µF(tantalum)
1.0
µF(tantalum)
< External Capacitors>
The XC6201 requires an output capacitor between the VOUT pin and the VSS pin in order to obtain stable output voltages. Where output voltage
is greater than 1.7V, the output capacitor (CL) used should be more than 0.1
µF whether using tantalum or low ESR (ceramic, for example)
capacitors. Where output voltage is between 1.3V ~ 1.6V, it is recommended that only a tantalum capacitor of more than 2.2
µF be used on the
output in order to stabilize operations.
Output Voltage
CIN
CL(tantalum)
CL(low ESR)
1.3V∼1.6V
greater than 0.1
µF greater than 2.2µF
1.7V∼6.0V
greater than 0.1
µF greater than 0.1µF greater than 0.1µF
0.001
0.01
0.1
1
10
100
0
50
100
150
200
Load Current:IOUT (mA)
CIN=1.0
µF(ceramic)、CL=0.1、1.0µF(ceramic)
VIN=∼10V, VOUT=1.7∼6.0V
03S_01XC6201 02.9.12 2:35 PM ページ 194


Similar Part No. - XC6201P502LR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P502DR TOREX-XC6201P502DR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P502DR-G TOREX-XC6201P502DR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P502MR TOREX-XC6201P502MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P502MR TOREX-XC6201P502MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P502MR-G TOREX-XC6201P502MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P502LR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com