Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA-4-10-75 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SCA-4-10-75
Description  Power Splitter/Combiner 4 Way-0째 75??10 to 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SCA-4-10-75 Datasheet(HTML) 1 Page - Mini-Circuits

  SCA-4-10-75 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Splitter Electrical Specifications
Maximum Ratings
Pin Connections
Features
• cellular
• UHF/VHF receivers/transmitters
SUM PORT
3
PORT 1
6
PORT 2
7
PORT 3
9
PORT 4
10
GROUND
1,2,4,5,8
• wideband, 10-1000 MHz
• high isolation, 25 dB typ.
• good amplitude unbalance, 0.5 dB typ.
• patent pending
Applications
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
0.5W max.
Internal Dissipation
0.375W max.
10-1000
10-400
30
22
1.2
2.3
6
1.2
400-750
25
18
1.5
2.2
9
0.9
750-1000
20
15
2.0
2.5
10
0.9
CASE STYLE: DZ943
PRICE: $ 6.95 ea. QTY (10-49)
Demo Board MCL P/N: TB-247
Suggested PCB Layout (PL-133)
FREQ.
RANGE
(MHz)
PHASE
UNBALANCE
(Degrees)
Max.
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 6 dB
AMPLITUDE
UNBALANCE
(dB)
Max.
f
L-fU
Typ.
Min.
Typ.
Max.
Freq.
(MHz)
Insertion Loss
(dB)
Amp.
Unbal.
(dB)
Isolation
(dB)
S-1
S-2
S-3
1-2
2-3
VSWR
S
Phase
Unbal.
(deg.)
VSWR
2
VSWR
3
VSWR
1
1-3
S-4
VSWR
4
Typical Performance Data
10.00
7.21
6.78
7.13
7.53
0.74
34.55
47.68
47.34
1.86
1.11
1.61
1.48
1.51
1.64
50.00
7.12
6.75
7.07
7.43
0.68
55.90
49.10
48.97
0.85
1.05
1.52
1.42
1.46
1.57
100.00
7.16
6.77
7.10
7.48
0.71
54.20
51.26
50.69
0.94
1.14
1.51
1.43
1.46
1.55
200.00
7.22
6.87
7.17
7.53
0.66
40.79
65.07
60.68
1.45
1.28
1.50
1.44
1.45
1.52
300.00
7.28
6.95
7.24
7.56
0.61
33.63
48.42
44.66
2.13
1.41
1.48
1.45
1.44
1.49
400.00
7.30
7.01
7.27
7.56
0.55
28.11
38.54
36.47
2.40
1.49
1.46
1.46
1.43
1.45
500.00
7.35
7.03
7.31
7.59
0.56
24.85
34.71
32.80
2.83
1.50
1.42
1.44
1.41
1.41
600.00
7.37
7.02
7.32
7.60
0.58
22.50
32.13
30.41
2.98
1.48
1.38
1.40
1.38
1.36
650.00
7.39
7.04
7.35
7.63
0.59
21.50
30.85
29.23
3.11
1.48
1.36
1.39
1.36
1.34
700.00
7.46
7.11
7.40
7.67
0.56
20.63
30.04
28.44
3.53
1.49
1.34
1.37
1.34
1.33
750.00
7.50
7.14
7.43
7.70
0.56
19.98
29.78
28.11
3.53
1.51
1.32
1.34
1.33
1.31
800.00
7.54
7.15
7.45
7.75
0.59
19.37
29.15
27.66
3.59
1.53
1.31
1.32
1.31
1.30
900.00
7.64
7.26
7.54
7.82
0.56
18.17
28.23
26.83
4.14
1.55
1.28
1.27
1.29
1.29
950.00
7.73
7.31
7.60
7.88
0.57
17.63
27.54
26.25
4.30
1.56
1.27
1.25
1.26
1.29
1000.00
7.84
7.40
7.67
7.98
0.57
17.09
26.99
25.74
4.59
1.59
1.26
1.24
1.25
1.29
SCA-4-10-75
INSERTION LOSS
6.0
6.4
6.8
7.2
7.6
8.0
0
200
400
600
800
1000
FREQUENCY(MHz)
S-1(dB)
S-3(dB)
at RF level of -10 dBm
SCA-4-10-75
ISOLATION
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
FREQUENCY (MHz)
ISO 1-2
ISO 1-3
ISO 2-3
at RF level of -10 dBm
SCA-4-10-75
VSWR
1.0
1.2
1.4
1.6
1.8
2.0
0
200
400
600
800
1000
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#3-VSWR
at RF level of -10 dBm
Outline Drawing
Outline Dimensions (
)
inch
mm
AB
C
D
E
F
G
.30
.250
.190
.274
.050
.050
.012
7.62
6.35
4.83
6.96
1.27
1.27
0.30
HJ
K
L
M
wt
.057
.004
.085
.296
.030
grams
1.45
0.10
2.16
7.52
0.76
0.5
SCA-4-10-75
4 Way-0° 75
10 to 1000 MHz
Power Splitter/Combiner
Surface Mount
REV. OR
M87129
ED-10856/1
SCA-4-10-75
WZ/TC/CP
041112
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
NEW!


Similar Part No. - SCA-4-10-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCA-4-10-75 MINI-SCA-4-10-75 Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
SCA-4-10-75L MINI-SCA-4-10-75L Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
SCA-4-10-75M MINI-SCA-4-10-75M Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
SCA-4-10-75U MINI-SCA-4-10-75U Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
More results

Similar Description - SCA-4-10-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCA-4-15-75 MINI-SCA-4-15-75 Datasheet
132Kb / 1P
   Power Splitter/Combiner 4 Way-0째 75??10 to 1500 MHz
SCA-4-10 MINI-SCA-4-10 Datasheet
135Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50??5 to 1000 MHz
SCA-4-20 MINI-SCA-4-20 Datasheet
124Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50??1000 to 2000 MHz
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
   Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
logo
List of Unclassifed Man...
ZA4PD-2 ETC2-ZA4PD-2 Datasheet
169Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
logo
Mini-Circuits
ZB4CS-700-10W MINI-ZB4CS-700-10W Datasheet
68Kb / 1P
   Power wer Splitter/Combiner 4 Way-0째 400 to 700 MHz
SCA-3-11 MINI-SCA-3-11 Datasheet
126Kb / 1P
   Power Splitter/Combiner 3 Way-0째 50??100 to 940 MHz
ZB5CS-920-10W MINI-ZB5CS-920-10W Datasheet
83Kb / 1P
   Power wer Splitter/Combiner 5 Way-0째 450 to 920 MHz
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
   Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com