Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCN-2-11 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SCN-2-11
Description  Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SCN-2-11 Datasheet(HTML) 2 Page - Mini-Circuits

  SCN-2-11 Datasheet HTML 1Page - Mini-Circuits SCN-2-11 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
SCN-2-15
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
1100
1150
1200
1250
1300
1350
1400
1450
FREQUENCY (MHz)
S-1 (dB)
S-2 (dB)
SCN-2-15
ISOLATION
0
5
10
15
20
25
30
35
40
45
50
1100
1150
1200
1250
1300
1350
1400
1450
FREQUENCY (MHz)
SCN-2-15
RETURN LOSS
0
5
10
15
20
25
1100
1150
1200
1250
1300
1350
1400
1450
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
SCN-2-19
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
1400
1500
1600
1700
1800
1900
FREQUENCY (MHz)
S-1 (dB)
S-2 (dB)
SCN-2-19
ISOLATION
0
5
10
15
20
25
30
35
40
45
50
1400
1500
1600
1700
1800
1900
FREQUENCY (MHz)
SCN-2-19
RETURN LOSS
0
5
10
15
20
25
1400
1500
1600
1700
1800
1900
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
SCN-2-22
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
1850
1900
1950
2000
2050
2100
2150
2200
FREQUENCY (MHz)
S-1 (dB)
S-2 (dB)
SCN-2-22
ISOLATION
0
5
10
15
20
25
30
35
40
1850
1900
1950
2000
2050
2100
2150
2200
FREQUENCY (MHz)
SCN-2-22
RETURN LOSS
0
5
10
15
20
25
1850
1900
1950
2000
2050
2100
2150
2200
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
SCN-2-27
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
S-1 (dB)
S-2 (dB)
SCN-2-27
ISOLATION
0
5
10
15
20
25
30
35
40
45
50
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
SCN-2-27
RETURN LOSS
0
5
10
15
20
25
30
35
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
S-RETURN LOSS
1-RETURN LOSS
2-RETURN LOSS
SCN-SERIES
Performance Charts
page 2 of 2


Similar Part No. - SCN-2-11

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-2-35 MINI-SCN-2-35 Datasheet
215Kb / 1P
   Power Splitter/Combiner
SCN-2-35++ MINI-SCN-2-35+ Datasheet
215Kb / 1P
   Power Splitter/Combiner
SCN-2-45 MINI-SCN-2-45 Datasheet
140Kb / 1P
   Power Splitter/Combiner
SCN-2-45++ MINI-SCN-2-45+ Datasheet
140Kb / 1P
   Power Splitter/Combiner
SCN-2-65 MINI-SCN-2-65 Datasheet
139Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - SCN-2-11

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
   Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
   Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-20_20L MINI-SBTC-2-20_20L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
   Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
QCN-SERIES MINI-QCN-SERIES Datasheet
143Kb / 3P
   Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
logo
Yantel Corporation
PD0900U03-070 YANTEL-PD0900U03-070 Datasheet
1Mb / 5P
   Power Divider/Combiner 2-Way 0째 50廓 800-1000 MHz
PD0900U03-M1 YANTEL-PD0900U03-M1 Datasheet
350Kb / 4P
   Power Divider/Combiner 2-Way 0째 50廓 800-1000 MHz
PD2450U06-180 YANTEL-PD2450U06-180 Datasheet
2Mb / 5P
   Power Divider/Combiner 4-Way 0째 2300-2700 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com