Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLM2MOK11W Datasheet(PDF) 2 Page - SunLED Corporation

Part # XLM2MOK11W
Description  Available on tape and reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XLM2MOK11W Datasheet(HTML) 2 Page - SunLED Corporation

  XLM2MOK11W Datasheet HTML 1Page - SunLED Corporation XLM2MOK11W Datasheet HTML 2Page - SunLED Corporation XLM2MOK11W Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part Number: XLM2MOK11W
T-1 (3mm) SOLID STATE LAMP
Sep 24,2016
XDSB7130 V4-X Layout: Maggie L.
P. 2/3
Orange
Remarks:
If special sorting is required (e.g. binning based on forward voltage,
luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Orange


Similar Part No. - XLM2MOK11W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XLM2MOK12W SUNLED-XLM2MOK12W Datasheet
232Kb / 3P
   Low power consumption
More results

Similar Description - XLM2MOK11W

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
XLFBB14W SUNLED-XLFBB14W Datasheet
229Kb / 3P
   Available on tape and reel
XLM2DG169W SUNLED-XLM2DG169W Datasheet
229Kb / 3P
   Available on tape and reel
XSCBD43MB SUNLED-XSCBD43MB Datasheet
230Kb / 3P
   Available on tape and reel
logo
M/A-COM Technology Solu...
MABA-010655-CF1A40-V3 MA-COM-MABA-010655-CF1A40-V3 Datasheet
681Kb / 4P
   Available on tape and reel
MAPD-011002 MA-COM-MAPD-011002 Datasheet
717Kb / 5P
   Available on Tape and Reel
MAPD-011039 MA-COM-MAPD-011039 Datasheet
807Kb / 7P
   Available on tape and reel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com