Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSR31041-A-PF Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LSR31041-A-PF
Description  ROUND TYPE LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSR31041-A-PF Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LSR31041-A-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSR31041-A-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSR31041-A-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSR31041-A-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSR31041-A-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSR31041-A-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSR31041-A-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSR31041-A-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 7/7
PART NO.LHRF31043/A-PF
W
L
L
H
W
H
ITE
M
NO
.
Q'
TY
:
PC
S
N,
W
,:
kg
s
G,
W
,:
kg
s
3. 12 INNER BOXES / CARTON
SIZE : L X W X H 58.5cm X 34cm X 34cm
C/NO:
MADE IN CHINA
2. 8 BAG / INNER BOX
SIZE : L X W X H 33.5cm X 19cm X 7.5cm
1.500 PCS / BAG
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LSR31041-A-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSR31041-TBF-3 LIGITEK-LSR31041-TBF-3 Datasheet
199Kb / 8P
   ROUND TYPE LED LAMPS
More results

Similar Description - LSR31041-A-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com