Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6201P521ML Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6201P521ML
Description  Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P521ML Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6201P521ML Datasheet HTML 5Page - Torex Semiconductor XC6201P521ML Datasheet HTML 6Page - Torex Semiconductor XC6201P521ML Datasheet HTML 7Page - Torex Semiconductor XC6201P521ML Datasheet HTML 8Page - Torex Semiconductor XC6201P521ML Datasheet HTML 9Page - Torex Semiconductor XC6201P521ML Datasheet HTML 10Page - Torex Semiconductor XC6201P521ML Datasheet HTML 11Page - Torex Semiconductor XC6201P521ML Datasheet HTML 12Page - Torex Semiconductor XC6201P521ML Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
XC6201
Series
193
3
XC6201P332
Ta=25
°C
VIN=4.3V
3.234
3.300
3.366
V
2
IOUT=40mA
IOUTmax
VIN=4.3V
150
1.8
mA
2
VOUT(E)
≥2.97V
ΔVOUT
VIN=4.3V
20
50
mV
2
1mA
≤IOUT≤80mA
Vdif1
Vdif2
IOUT=80mA
200
360
mV
2
IOUT=160mA
450
700
ISS
VIN=4.3V
2.0
5.0
µA1
ΔVOUT
IOUT=40mA
0.2
0.3
%/V
2
ΔVIN・VOUT
4.3V
≤VIN≤10.0V
VIN
10
V
ΔVOUT
IOUT=40mA
±100
ppm
2
ΔTopr・VOUT
-40
°C≤Topr≤85°C
/
°C
PARAMETER
SYMBOL
CONDITIONS
UNITS CIRCUIT
MIN
TYP
MAX
VOUT(E) (Note 2)
Output Voltage
Maximum Output Current
Load Regulation
Dropout Voltage (Note 3)
Supply Current
Line Regulation
Input Voltage
Output Voltage
Temperature Characteristics
VOUT(T)=3.3V (Note 1)
XC6201P502
Ta=25
°C
VIN=6.0V
4.900
5.000
5.100
V
2
IOUT=40mA
IOUTmax
VIN=6.0V
200
1.8
mA
2
VOUT(E)
≥4.5V
ΔVOUT
VIN=6.0V
30
70
mV
2
1mA
≤IOUT≤100mA
Vdif1
Vdif2
IOUT=100mA
160
340
mV
2
IOUT=200mA
400
600
ISS
VIN=6.0V
2.0
6.0
µA1
ΔVOUT
IOUT=40mA
0.2
0.3
%/V
2
ΔVIN・VOUT
6.0V
≤VIN≤10.0V
VIN
10
V
ΔVOUT
IOUT=40mA
±100
ppm
2
ΔTopr・VOUT
-40
°C≤Topr≤85°C
/
°C
PARAMETER
SYMBOL
CONDITIONS
UNITS CIRCUIT
MIN
TYP
MAX
VOUT(E) (Note 2)
Output Voltage
Maximum Output Current
Load Regulation
Dropout Voltage (Note 3)
Supply Current
Line Regulation
Input Voltage
Output Voltage
Temperature Characteristics
Note : 1. VOUT(T) = Specified Output Voltage.
2. VOUT(E) = Effective Output Voltage (i.e. the output voltage when “VOUT(T)+1.0V” is provided while
maintaining a certain IOUT value).
3. Vdif = { VIN1 (Note5) - VOUT1 (Note4) }
4. VOUT1 = A voltage equal to 98% of the output voltage when a stabilised ( VOUT (T) + 1.0V ) is input.
5. VIN1 = The input voltage at the time VOUT1 is output (input voltage has been gradually reduced).
VOUT(T)=5.0V (Note 1)
03S_01XC6201 02.9.12 2:35 PM ページ 193


Similar Part No. - XC6201P521ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P501DR TOREX-XC6201P501DR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501DR-G TOREX-XC6201P501DR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501MR TOREX-XC6201P501MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501MR TOREX-XC6201P501MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P501MR-G TOREX-XC6201P501MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P521ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com