Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLMDK11W Datasheet(PDF) 1 Page - SunLED Corporation

Part # XLMDK11W
Description  Low power consumption
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XLMDK11W Datasheet(HTML) 1 Page - SunLED Corporation

  XLMDK11W Datasheet HTML 1Page - SunLED Corporation XLMDK11W Datasheet HTML 2Page - SunLED Corporation XLMDK11W Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Oct 07,2016
XDSA6134 V6-X Layout: Maggie L.
P. 1/3
Part Number: XLMDK11W
T-1 (3mm) SOLID STATE LAMP
Features
● Radial / Through hole package
● Reliable & robust
● Low power consumption
● Available on tape and reel
● RoHS Compliant
Absolute Maximum Ratings
(TA=25°C)
Red
(AlGaInP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
mA
Power Dissipation
PD
75
mW
Operating Temperature
TA
-40 ~ +85
°
C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Red
(AlGaInP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=20mA)
λP
645*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=20mA)
λD
630*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
λ
28
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm λP
Viewing
Angle
2θ 1/2
min.
typ.
XLMDK11W
Red
AlGaInP
Water Clear
1300
400*
2695
895*
645*
30°
Luminous Intensity
CIE127-2007*
(IF=20mA)
mcd
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES


Similar Part No. - XLMDK11W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XLMDK11D SUNLED-XLMDK11D Datasheet
225Kb / 3P
   Low power consumption
More results

Similar Description - XLMDK11W

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com