Electronic Components Datasheet Search |
|
T110D105K060AT7443 Datasheet(PDF) 4 Page - Kemet Corporation |
|
T110D105K060AT7443 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2031_T110_AXIAL_T212 • 9/20/2016 44 Tantalum Through-Hole Capacitors – Hermetically Sealed T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style) Table 1 – Ratings & Part Number Reference (1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance. (2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours. Designates Reliability Level. (3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish. Refer to Ordering Information for additional detail. Rated Voltage Rated Cap Case Size Code KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR13) Capacitors Dash Number Reference KEMET Equivalent Military Failure Rate Level (%/1,000 hours) MIL–PRF–39003/1K MIL–PRF–39003/1K Exponential Graded VDC µF (See below for part options) µA at 25°C Max/5 Minutes 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1.0) B (0.1) C (0.01) D (0.001) Part Number 6 2.2 A T110A225(1)006A(3) 0.3 4 6 2.7 A T110A275(1)006A(3) 0.3 4 6 3.3 A T110A335(1)006A(3) 0.3 4 6 3.9 A T110A395(1)006A(3) 0.3 4 6 4.7 A T110A475(1)006A(3) 0.3 4 6 5.6 A T110A565J006A(3) 0.3 4 5001 5201 5401 5601 4001 6001 7001 8001 T212A565J006(2)S 6 5.6 A T110A565K006A(3) 0.3 4 2241 2481 2721 2961 4002 6002 7002 8002 T212A565K006(2)S 6 5.6 A T110A565M006A(3) 0.3 4 6 6.8 A T110A685J006A(3) 0.3 6 5002 5202 5402 5602 4003 6003 7003 8003 T212A685J006(2)S 6 6.8 A T110A685K006A(3) 0.3 6 2242 2482 2722 2962 4004 6004 7004 8004 T212A685K006(2)S 6 6.8 A T110A685M006A(3) 0.3 6 2243 2483 2723 2963 4005 6005 7005 8005 T212A685M006(2)S 6 8.2 B T110B825(1)006A(3) 0.3 6 6 10.0 B T110B106(1)006A(3) 0.3 6 6 12.0 B T110B126(1)006A(3) 0.5 6 6 15.0 B T110B156(1)006A(3) 0.9 6 6 18.0 B T110B186(1)006A(3) 0.9 6 6 22.0 B T110B226(1)006A(3) 0.9 6 6 27.0 B T110B276(1)006A(3) 0.9 6 6 33.0 B T110B336(1)006A(3) 0.9 6 6 39.0 B T110B396(1)006A(3) 0.9 6 6 47.0 B T110B476J006A(3) 1.5 6 5003 5203 5403 5603 4006 6006 7006 8006 T212B476J006(2)S 6 47.0 B T110B476K006A(3) 1.5 6 2244 2484 2724 2964 4007 6007 7007 8007 T212B476K006(2)S 6 47.0 B T110B476M006A(3) 1.5 6 2245 2485 2725 2965 4008 6008 7008 8008 T212B476M006(2)S 6 56.0 B T110B566J006A(3) 1.5 6 5004 5204 5404 5604 4009 6009 7009 8009 T212B566J006(2)S 6 56.0 B T110B566K006A(3) 1.5 6 2246 2486 2726 2966 4010 6010 7010 8010 T212B566K006(2)S 6 56.0 B T110B566M006A(3) 1.5 6 6 68.0 C T110C686(1)006A(3) 3.0 6 6 82.0 C T110C826(1)006A(3) 3.0 6 6 100.0 C T110C107(1)006A(3) 3.0 6 6 120.0 C T110C127(1)006A(3) 3.0 6 6 150.0 C T110C157J006A(3) 4.5 6 5005 5205 5405 5605 4011 6011 7011 8011 T212C157J006(2)S 6 150.0 C T110C157K006A(3) 4.5 6 2247 2487 2727 2967 4012 6012 7012 8012 T212C157K006(2)S 6 150.0 C T110C157M006A(3) 4.5 6 2248 2488 2728 2968 4013 6013 7013 8013 T212C157M006(2)S 6 180.0 C T110C187J006A(3) 5.5 6 5006 5206 5406 5606 4014 6014 7014 8014 T212C187J006(2)S 6 180.0 C T110C187K006A(3) 5.5 6 2249 2489 2729 2969 4015 6015 7015 8015 T212C187K006(2)S 6 180.0 C T110C187M006A(3) 5.5 6 6 220.0 D T110D227(1)006A(3) 6.0 8 6 270.0 D T110D277J006A(3) 6.0 8 5007 5207 5407 5607 4016 6016 7016 8016 T212D277J006(2)S 6 270.0 D T110D277K006A(3) 6.0 8 2250 2490 2730 2970 4017 6017 7017 8017 T212D277K006(2)S 6 270.0 D T110D277M006A(3) 6.0 8 6 330.0 D T110D337J006A(3) 7.5 8 5008 5208 5408 5608 4018 6018 7018 8018 T212D337J006(2)S 6 330.0 D T110D337K006A(3) 7.5 8 2251 2491 2731 2971 4019 6019 7019 8019 T212D337K006(2)S 6 330.0 D T110D337M006A(3) 7.5 8 2252 2492 2732 2972 4020 6020 7020 8020 T212D337M006(2)S 10 1.0 A T110A105(1)010A(3) 0.3 3 10 1.2 A T110A125(1)010A(3) 0.3 4 VDC µF Case Size Code (see below for part options) µA at 25°C Max/5 Minimum 120 Hz Maximum M (1.0) P (0.1) R (0.01) S (0.001) G (1.0) B (0.1) C (0.01) D (0.001) Part Number Rated Voltage Rated Cap KEMET Part Number DC Leakage DF % at 25°C MIL–PRF–39003 (CSR13) Capacitors |
Similar Part No. - T110D105K060AT7443 |
|
Similar Description - T110D105K060AT7443 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |