Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSEF42240-PF-TRF-X Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LSEF42240-PF-TRF-X
Description  TAPE AND REEL TYPE LED LAMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEF42240-PF-TRF-X Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LSEF42240-PF-TRF-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEF42240-PF-TRF-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEF42240-PF-TRF-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEF42240-PF-TRF-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEF42240-PF-TRF-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEF42240-PF-TRF-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEF42240-PF-TRF-X Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSEF42240-PF-TRF-X Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSEF42240-PF-TRF-X Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
60
40
50
30
0
2.5
1.5
0.5
650
600
550
0.5
0.0
500
Wavelength (nm)
1.0
SEF CHIP
Typical Electro-Optical Characteristics Curve
Page 6/8
2.5
1.5
1.0
0.5
0.0
2.0
60
80
0
20
40
-20
0.9
0.8
80
3.0
2.0
1.2
1.1
1.0
60
40
20
0
-20
3.0
2.0
1.0
0.0
1000
100
10
1.0
20
10
0
1.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Forward Current(mA)
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
Ambient Temperature(
)
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
PART NO. LSEF42240-PF/TRF-X
30
°
-30
°
60
°
50%
100%
25%
0
25%
75%
50%
-60
°
100% 75%
0
°
6.Directivity Radiation


Similar Part No. - LSEF42240-PF-TRF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSEF42940-PF LIGITEK-LSEF42940-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LSEF42240-PF-TRF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG2041-TRS-X LIGITEK-LVG2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2041-TRS-X LIGITEK-LHR2041-TRS-X Datasheet
90Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2043-TRS-X LIGITEK-LHR2043-TRS-X Datasheet
89Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LH2040-TRS-X LIGITEK-LH2040-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LI2040-S91-PF-TRS-X LIGITEK-LI2040-S91-PF-TRS-X Datasheet
126Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSE2041-TRF-X LIGITEK-LSE2041-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42941-PF-TRF-X LIGITEK-LSRF42941-PF-TRF-X Datasheet
138Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LVY2041-TRS-X LIGITEK-LVY2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LEG42292-L11-PF-TRS-X LIGITEK-LEG42292-L11-PF-TRS-X Datasheet
142Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LG2040-TRF-X LIGITEK-LG2040-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LG2041-TRF-5 LIGITEK-LG2041-TRF-5 Datasheet
127Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com