Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHP-39 Datasheet(PDF) 1 Page - Mini-Circuits

Part # VHP-39
Description  Ultra-Reliable High Pass Filters 1300 to 5500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VHP-39 Datasheet(HTML) 1 Page - Mini-Circuits

  VHP-39 Datasheet HTML 1Page - Mini-Circuits VHP-39 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Specifications (TAMB=25°C)
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
VHP-9R5
DC-600
750
950
1300-3500
18
1.3
14
VHP-16
DC-1030
1300
1580
1900-2700
18
1.3
14
VHP-19
DC-1450
1650
1995
2300-5500
18
1.3
10
VHP-26
DC-1500
2000
2570
3000-7000
18
1.4
10
VHP-39
DC-2000
3050
3900
4600-5500
18
1.3
10
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
VSWR (:1)
POWER
INPUT*
(W)
Pmax.
STOP BAND (MHz)
(loss >40 dB)
(loss >20 dB)
Stopband
Typ.
Passband
Typ.
(loss < 1.3 dB)
* Derate linearly to 0.4 x Pmax. at 100°C
Outline Drawing
CASE STYLE: FF704
PRICE: $29.95 ea. QTY (1-9)
• rugged unibody construction
• pass band insertion loss, 1.0 dB typ.
• high power handling, up to 14W
• very low cost
Applications
• sub-harmonic rejection of VCO
Outline Dimensions (
)
inch
mm
inch
mm
Freq.
(MHz)
Insertion
Loss (dB)
VSWR
(:1)
Freq.
(MHz)
Insertion
Loss (dB)
VSWR
(:1)
Typical Performance Data/Curves
1.00
109.09
273.43
100.00
77.03
114.28
300.00
69.91
66.79
500.00
59.22
47.03
600.00
43.87
38.78
750.00
24.51
23.57
950.00
3.18
2.06
1300.00
0.94
1.23
3500.00
0.69
1.62
4500.00
2.21
3.67
1.00
101.37
330.92
500.00
62.34
68.33
1030.00
44.28
40.07
1300.00
23.15
24.17
1580.00
2.82
2.03
1900.00
1.12
1.27
2300.00
0.80
1.17
2700.00
1.01
1.74
3000.00
1.47
2.45
5000.00
1.03
1.97
B
D
E
wt.
.461
1.42
.312 grams
11.71
36.07
7.92
10
VHP-SERIES
1300 to 5500 MHz
High Pass Filters
Ultra-Reliable
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
NEW!
REV. A
M92137
VHP-9R5 ED-10545B/7
VHP-16
ED-10545B/2
VHP-19
ED-10545B/6
VHP-26
ED-10545B/11
VHP-39
ED-10545B/12
WZ/AD/CP
040429
Page 1 of 2
VHP-16
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
110
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
VHP-16
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
VHP-9R5
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
110
0
500 1000 1500 2000 2500 3000 3500 4000 4500
FREQUENCY (MHz)
VHP-9R5
VSWR
1
10
100
1000
0
500 1000 1500 2000 2500 3000 3500 4000 4500
FREQUENCY (MHz)


Similar Part No. - VHP-39

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
VHP-3T500R00AB VISHAY-VHP-3T500R00AB Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
VHP-3T500R00BB VISHAY-VHP-3T500R00BB Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
VHP-3T500R00CB VISHAY-VHP-3T500R00CB Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
VHP-3T500R00DB VISHAY-VHP-3T500R00DB Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
More results

Similar Description - VHP-39

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFTC-19 MINI-HFTC-19 Datasheet
130Kb / 1P
   Ceramic High Pass Filter 2300 to 5500 MHz
HFTC-39 MINI-HFTC-39 Datasheet
173Kb / 1P
   Ceramic High Pass Filter 4500 to 5500 MHz
HFCN-1760 MINI-HFCN-1760 Datasheet
118Kb / 1P
   Ceramic High Pass Filter 2100 to 5500 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TL0017A TAI-SAW-TL0017A Datasheet
364Kb / 6P
   LTCC Filter Low Pass 2450 MHz ,High Pass 5500 MHz
logo
Mini-Circuits
HFTC-9R5 MINI-HFTC-9R5 Datasheet
99Kb / 1P
   Ceramic High Pass Filter 1300 to 3500 MHz
VHF-SERIES MINI-VHF-SERIES Datasheet
104Kb / 4P
   High Pass Filters 850 to 7000 MHz
logo
Analog Devices
ADMV8513 AD-ADMV8513 Datasheet
1Mb / 31P
   520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
logo
Mini-Circuits
VLP-SERIES MINI-VLP-SERIES Datasheet
80Kb / 2P
   Low Pass Filters DC to 5400 MHz
SCLF_SALF-SERIES MINI-SCLF_SALF-SERIES Datasheet
177Kb / 1P
   Low Pass Filters 50??DC to 865 MHz
K2-HFCN MINI-K2-HFCN Datasheet
266Kb / 1P
   HIGH PASS FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com