Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRGB9553-S18-TR1 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LRGB9553-S18-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB9553-S18-TR1 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LRGB9553-S18-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LRGB9553-S18-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGB9553-S18-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB9553-S18-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB9553-S18-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB9553-S18-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB9553-S18-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB9553-S18-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGB9553-S18-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Package Dimensions
Page 1/9
PART NO. LRGB9553/S18/TR1
Carrier Type Dimensions
Note : 1.All dimension are in millimeter tolerance is
±0.2mm unless otherwise noted.
2.Specifications are subject to change without notice.
Note : The tolerances unless mentioned is
±0.2mm, Unit=mm.
+
--
-
1.Cathode Orange
2.Cathode Green
3.Cathode Blue
4.Common Anode
B
R G
12.0
±0.3
9.3
4.0
±0.5
3.12
5.5
±0.2
1.75
4.0
±0.2
2.0
1.55
2.24
0.23
4.06
1.95
0.6
0.7
±0.05
2.8
0.7
±0.05
1.95
0.9
1.5
1.05
0.9
1
23
Common Anode
4
2
0.7
±0.05
1
3.5
3
4
0.7
±0.05
G
B
R
3.2
2.6
2.2


Similar Part No. - LRGB9553-S18-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB9553-S17-TR1 LIGITEK-LRGB9553-S17-TR1 Datasheet
155Kb / 10P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LRGB9553-S18-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com