Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5054482071 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5054482071
Description  Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5054482071 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5054482071 Datasheet HTML 1Page - Molex Electronics Ltd. 5054482071 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/06/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5054482071
Status:
Active
Overview:
Micro-Lock Plus Wire-to-Board Connector System
Description:
Micro-Lock™ PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
Plating, 20 Circuits, Black
Documents:
Drawing (PDF)
Packaging Specification 5054489200-200 (PDF)
Product Specification 5054320000-002 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-505432-001-001 (PDF)
Product Literature (PDF)
Application Specification AS-505432-002-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
505448
Application
Signal, Wire-to-Board
Overview
Micro-Lock Plus Wire-to-Board Connector System
Product Literature Order No
987651-4888
Product Name
Micro-Lock™ PLUS
UPC
889056386807
Physical
Breakaway
No
Circuits (Loaded)
20
Circuits (maximum)
20
Color - Resin
Black
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin-Bismuth
Material - Plating Termination
Tin-Bismuth
Material - Resin
Polyamide
Net Weight
1833.751/mg
Number of Rows
2
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.25mm
Pitch - Termination Interface
1.25mm
Plating min - Mating
1.000µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
505448 Series
Mates With
Micro-Lock™ PLUS Receptacle Housing
505432


Similar Part No. - 5054482071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5054482071 MOLEX-5054482071 Datasheet
581Kb / 4P
   MICRO-LOCK PLUS 1.25 W/B DUAL ROW RIGHT ANGLE SMT PLUG ASSEMBLY TIN-BISMUTH PLATING
2022/11/30
More results

Similar Description - 5054482071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5054482271 MOLEX1-5054482271 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054483671 MOLEX1-5054483671 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054484271 MOLEX1-5054484271 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054481671 MOLEX1-5054481671 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054483071 MOLEX1-5054483071 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054483871 MOLEX1-5054483871 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054482671 MOLEX1-5054482671 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054484071 MOLEX1-5054484071 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5054481871 MOLEX1-5054481871 Datasheet
40Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Dual Row, Tin-Bismuth
5055671071 MOLEX1-5055671071 Datasheet
37Kb / 2P
   Micro-Lock PLUS Right Angle Header, 1.25mm Pitch, Single Row, Tin-Bismuth Micro-Lock??PLUS Right Angle Header, 1.25mm Pitch, Single Row, Tin-Bismuth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com