Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0635DSP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0635DSP
Description  60V, 3.5A, 98m
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0635DSP Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0635DSP Datasheet HTML 1Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 2Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 3Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 4Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 5Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 6Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 7Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 8Page - Renesas Technology Corp RJK0635DSP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R07DS1345EJ0301 Rev.3.01
Page 1 of 7
Nov. 24, 2016
Preliminary Datasheet
RJK0635DSP
60V, 3.5A, 98m max.
N Channel Power MOS FET
Power Switching
Features
 Capable of 2.5 V gate drive
 Low drive current
 High density mounting
 Low on-resistance
 Pb-free
Outline
1 2
3
4
5
6
7
8
G
D
S
D
G
D
S
D
MOS1
MOS2
1
2
78
4
5 6
3
1, 3
Sourc
2, 4
Gate
5, 6, 7, 8 Drain
RENESAS Package code: PRSP0008DD-D
(Package name: SOP-8<FP-8DAV>)
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
60
V
Gate to source voltage
VGSS
±12
V
Drain current
ID
3.5
A
Drain peak current
ID(pulse)Note1
14
A
Body-drain diode reverse drain current
IDR
3.5
A
Avalanche current
IAP Note 2
3.5
A
Avalanche energy
EAS Note 2
1.05
mJ
Channel dissipation
Pch Note3
1.2
W
Channel dissipation
Pch Note4
1.8
W
Channel temperature
Tch
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. PW  10 s, duty cycle  1%
2. Value at Tch = 25°C, Rg  50 
3. 1 Drive operation : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW  10s
4. 2 Drive operation : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW  10s
R07DS1345EJ0301
Rev.3.01
Nov.24.2016


Similar Part No. - RJK0635DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0630JPE RENESAS-RJK0630JPE Datasheet
121Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK0630JPE RENESAS-RJK0630JPE_15 Datasheet
121Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK0631JPD RENESAS-RJK0631JPD Datasheet
87Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
SHENZHEN DOINGTER SEMIC...
RJK0631JPD DOINGTER-RJK0631JPD Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
RJK0631JPD-00-J0 RENESAS-RJK0631JPD-00-J0 Datasheet
87Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0635DSP

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ6L035AT ROHM-RQ6L035AT Datasheet
2Mb / 14P
   Pch -60V -3.5A Power MOSFET
RSQ035N06FRA ROHM-RSQ035N06FRA Datasheet
2Mb / 14P
   Nch 60V 3.5A Small Signal MOSFET
RQ5L035GN ROHM-RQ5L035GN Datasheet
2Mb / 14P
   Nch 60V 3.5A Small Signal MOSFET
logo
Fairchild Semiconductor
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
logo
Rohm
RSQ035N06HZG ROHM-RSQ035N06HZG Datasheet
2Mb / 15P
   Nch 60V 3.5A Small Signal MOSFET
logo
Intersil Corporation
HIP0061 INTERSIL-HIP0061 Datasheet
60Kb / 9P
   60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
logo
Renesas Technology Corp
HIP0061 RENESAS-HIP0061 Datasheet
538Kb / 10P
   60V, 3.5A, 3-Transistor Common Source ESD Protected Power MOSFET Array
December 1997
logo
Intersil Corporation
HUF76407DK8 INTERSIL-HUF76407DK8 Datasheet
375Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76407DK8 FAIRCHILD-HUF76407DK8 Datasheet
262Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T_10 Datasheet
548Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com