Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF-800 Datasheet(PDF) 1 Page - Mini-Circuits

Part # VLF-800
Description  Low Pass Filter DC to 800 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VLF-800 Datasheet(HTML) 1 Page - Mini-Circuits

  VLF-800 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications (TAMB=25°C)
VLF-800
DC-800
1075
1275
1350-5000
5100
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO.OF
SECTIONS
f 20
Min.
fr 20
Typ.
30
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
RF IN
RF OUT
Outline Drawing
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
10*W max. at 25°C
DC Current Input to Output 0.5A max. at 25°C
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• low cost
• small size
• 7 sections
• temperature stable
• patent pending
*Passband rating, derate linearly to 3.5W at 100°C ambient.
Outline Dimensions (
)
inch
mm
B
D
E
wt.
.410
1.43
.312
grams
10.41
36.32
7.92
10.0
VLF-800
CASE STYLE: FF704
PRICE: $19.95 ea. QTY (10-24)
10.00
0.06
1.01
100.00
0.15
1.09
250.00
0.27
1.20
500.00
0.43
1.18
800.00
0.76
1.23
990.00
2.90
3.27
1400.00
23.15
42.47
2000.00
30.97
67.92
2400.00
26.74
94.43
2800.00
25.03
117.13
3000.00
24.60
157.82
3600.00
22.47
165.36
4500.00
19.54
108.74
5000.00
19.11
86.49
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 800 MHz
Low Pass Filter
Coaxial
REV. E
M94020
VLF-800
EDR-6608
RVN/AD/CP
040907
NEW!
VLF-800
INSERTION LOSS
0
5
10
15
20
25
30
35
40
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
VLF-800
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)


Similar Part No. - VLF-800

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-80 MINI-VLF-80 Datasheet
90Kb / 1P
   Low Pass Filter DC to 80 MHz
More results

Similar Description - VLF-800

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
   Low Pass Filter DC to 225 MHz
VLF-575 MINI-VLF-575 Datasheet
88Kb / 1P
   Low Pass Filter DC to 575 MHz
logo
List of Unclassifed Man...
LFCN-6000 ETC-LFCN-6000 Datasheet
141Kb / 1P
   Low Pass Filter DC to 6000 MHz
logo
Mini-Circuits
VLF-80 MINI-VLF-80 Datasheet
90Kb / 1P
   Low Pass Filter DC to 80 MHz
VLF-1525 MINI-VLF-1525 Datasheet
89Kb / 1P
   Low Pass Filter DC to 1525 MHz
VLF-95 MINI-VLF-95 Datasheet
92Kb / 1P
   Low Pass Filter DC to 95 MHz
VLF-1700 MINI-VLF-1700 Datasheet
88Kb / 1P
   Low Pass Filter DC to 1700 MHz
VLF-2750 MINI-VLF-2750 Datasheet
88Kb / 1P
   Low Pass Filter DC to 2750 MHz
VLF-1000 MINI-VLF-1000 Datasheet
89Kb / 1P
   Low Pass Filter DC to 1000 MHz
VLF-1400 MINI-VLF-1400 Datasheet
89Kb / 1P
   Low Pass Filter DC to 1400 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com