Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60D7BDPQ-E0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJH60D7BDPQ-E0
Description  600V - 50A - IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D7BDPQ-E0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RJH60D7BDPQ-E0_16 Datasheet HTML 2Page - Renesas Technology Corp RJH60D7BDPQ-E0_16 Datasheet HTML 3Page - Renesas Technology Corp RJH60D7BDPQ-E0_16 Datasheet HTML 4Page - Renesas Technology Corp RJH60D7BDPQ-E0_16 Datasheet HTML 5Page - Renesas Technology Corp RJH60D7BDPQ-E0_16 Datasheet HTML 6Page - Renesas Technology Corp RJH60D7BDPQ-E0_16 Datasheet HTML 7Page - Renesas Technology Corp RJH60D7BDPQ-E0_16 Datasheet HTML 8Page - Renesas Technology Corp RJH60D7BDPQ-E0_16 Datasheet HTML 9Page - Renesas Technology Corp RJH60D7BDPQ-E0_16 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RJH60D7BDPQ-E0
Preliminary
R07DS0795EJ0300 Rev.3.00
Page 6 of 9
Jul 20, 2016
10
100
1000
10000
0
100
50
150
200
250
300
Cies
Coes
Cres
Typical Capacitance vs.
Collector to Emitter Voltage
VGE = 0 V
f = 1 MHz
Tc = 25°C
Collector to Emitter Voltage VCE (V)
Gate Charge Qg (nc)
Dynamic Input Characteristics (Typical)
100
80
120
60
40
20
0
0123
4
Tc = 150°C
25°C
VCE = 0 V
Pulse Test
Diode Current Slope di/dt (A/
μs)
Reverse Recovery Time vs.
Diode Current Slope (Typical)
100
50
300
250
200
150
0
040
80
200
120
160
040
80
200
120
160
VCC = 300 V
IF = 50 A
Tc = 150°C
25°C
Diode Current Slope di/dt (A/
μs)
Reverse Recovery Current vs.
Diode Current Slope (Typical)
Diode Current Slope di/dt (A/
μs)
Reverse Recovery Charge vs.
Diode Current Slope (Typical)
12
8
4
16
0
VCC = 300 V
IF = 50 A
Tc = 150°C
25°C
C-E Diode Forward Voltage VCEF (V)
Forward Current vs. Forward Voltage (Typical)
040
80
200
120
160
0.2
0.1
0.5
0.4
0.3
0
VCC = 300 V
IF = 50 A
Tc = 150°C
25°C
800
600
400
200
0
0
16
12
8
4
0
40
80
120
160
200
VGE
VCE
VCE = 300 V
IC = 50 A
Tc = 25°C


Similar Part No. - RJH60D7BDPQ-E0_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0_15 Datasheet
126Kb / 10P
   600V - 50A - IGBT Application: Inverter
More results

Similar Description - RJH60D7BDPQ-E0_16

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI50N-060 FUJI-2MBI50N-060 Datasheet
154Kb / 4P
   IGBT(600V 50A)
6MBI50F-060 FUJI-6MBI50F-060 Datasheet
121Kb / 4P
   IGBT(600V 50A)
6MBI50L-060 FUJI-6MBI50L-060 Datasheet
126Kb / 4P
   IGBT(600V 50A)
2MBI50L-060 FUJI-2MBI50L-060 Datasheet
114Kb / 4P
   IGBT(600V 50A)
2MBI50F-060 FUJI-2MBI50F-060 Datasheet
129Kb / 4P
   IGBT(600V 50A)
6MBP50RA060 FUJI-6MBP50RA060 Datasheet
789Kb / 7P
   IGBT-IPM(600V/50A)
7MBR50SB060 FUJI-7MBR50SB060 Datasheet
588Kb / 7P
   IGBT(600V/50A/PIM)
7MBR50SA060 FUJI-7MBR50SA060 Datasheet
640Kb / 7P
   IGBT(600V/50A/PIM)
logo
Nihon Inter Electronics...
PBMB50A6 NIEC-PBMB50A6 Datasheet
109Kb / 3P
   IGBT MODULE H_Bridge 50A 600V
logo
Renesas Technology Corp
RJH60D7DPQ-E0 RENESAS-RJH60D7DPQ-E0 Datasheet
113Kb / 10P
   600V - 50A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com