Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1111C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAT1111C
Description  -60V, -2A, 307m max Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1111C Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT1111C_16 Datasheet HTML 1Page - Renesas Technology Corp HAT1111C_16 Datasheet HTML 2Page - Renesas Technology Corp HAT1111C_16 Datasheet HTML 3Page - Renesas Technology Corp HAT1111C_16 Datasheet HTML 4Page - Renesas Technology Corp HAT1111C_16 Datasheet HTML 5Page - Renesas Technology Corp HAT1111C_16 Datasheet HTML 6Page - Renesas Technology Corp HAT1111C_16 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HAT1111C
R07DS1177EJ0800 Rev.8.00
Page 5 of 6
May 19, 2016
Vin Monitor
D.U.T.
Vin
-4.5 V
4.7
Ω
R L
V
= -10 V
DD
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
t f
Switching Time Test Circuit
Switching Time Waveform


Similar Part No. - HAT1111C_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1111C RENESAS-HAT1111C_15 Datasheet
122Kb / 7P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - HAT1111C_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0656DPB RENESAS-RJK0656DPB_15 Datasheet
157Kb / 7P
   60V, 40A, 5.6m??max. Silicon N Channel Power MOS FET Power Switching
RJK0651DPB RENESAS-RJK0651DPB_15 Datasheet
107Kb / 7P
   60V, 25A, 14m??max. Silicon N Channel Power MOS FET Power Switching
RJK0652DPB RENESAS-RJK0652DPB_15 Datasheet
108Kb / 7P
   60V, 35A, 7.0m??max. Silicon N Channel Power MOS FET Power Switching
RJK0655DPB RENESAS-RJK0655DPB_15 Datasheet
158Kb / 7P
   60V, 35A, 6.7m??max. Silicon N Channel Power MOS FET Power Switching
RJK0653DPB RENESAS-RJK0653DPB_13 Datasheet
108Kb / 7P
   60V, 45A, 4.8m max. Silicon N Channel Power MOS FET Power Switching
RJK0655DPB RENESAS-RJK0655DPB Datasheet
158Kb / 7P
   60V, 35A, 6.7m max. Silicon N Channel Power MOS FET Power Switching
RJK0651DPB RENESAS-RJK0651DPB_13 Datasheet
107Kb / 7P
   60V, 25A, 14m max. Silicon N Channel Power MOS FET Power Switching
RJK0652DPB RENESAS-RJK0652DPB_13 Datasheet
108Kb / 7P
   60V, 35A, 7.0m max. Silicon N Channel Power MOS FET Power Switching
RJK0656DPB RENESAS-RJK0656DPB Datasheet
157Kb / 7P
   60V, 40A, 5.6m max. Silicon N Channel Power MOS FET Power Switching
RJK0653DPB RENESAS-RJK0653DPB_15 Datasheet
108Kb / 7P
   60V, 45A, 4.8m??max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com