Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF1010RJ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAF1010RJ
Description  Silicon P Channel MOS FET Series Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1010RJ Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAF1010RJ_16 Datasheet HTML 1Page - Renesas Technology Corp HAF1010RJ_16 Datasheet HTML 2Page - Renesas Technology Corp HAF1010RJ_16 Datasheet HTML 3Page - Renesas Technology Corp HAF1010RJ_16 Datasheet HTML 4Page - Renesas Technology Corp HAF1010RJ_16 Datasheet HTML 5Page - Renesas Technology Corp HAF1010RJ_16 Datasheet HTML 6Page - Renesas Technology Corp HAF1010RJ_16 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HAF1010RJ
Target Specifications
R07DS1361EJ0200 Rev.2.00
Page 2 of 6
Sep 06, 2016
Typical Operation Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input voltage
VIH
–3.5
V
VIL
–1.2
V
Input current
(Gate non shut down)
IIH1
–100
A
Vi = –8V, VDS =0
IIH2
–50
A
Vi = –3.5V, VDS =0
IIL
–1
A
Vi = –1.2V, VDS =0
Input current
(Gate shut down)
IIH(sd)1
–0.8
mA
Vi = –8V, VDS =0
IIH(sd)2
–0.35
mA
Vi = –3.5V, VDS =0
Shut down temperature
Tsd
175
C
Cannel temperature
Gate operation voltage
Vop
–3.5
–12
V
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain current
ID1
–1.5
A
VGS = –3.5 V, VDS = –2 V
Drain current
ID2
–10
mA
VGS = –1.2 V, VDS = –2 V
Drain to source breakdown voltage
V(BR)DSS
–60
V
ID = –10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
–16
V
IG = –800
A, VDS = 0
Gate to source breakdown voltage
V(BR)GSS
2.5
V
IG = 100
A, VDS = 0
Gate to source leak current
IGSS1
–100
A
VGS = –8 V, VDS = 0
IGSS2
–50
A
VGS = –3.5 V, VDS = 0
IGSS3
–1
A
VGS = –1.2 V, VDS = 0
IGSS4
100
A
VGS = 2.4 V, VDS = 0
Input current (shut down)
IGS(OP)1
–0.8
mA
VGS = –8 V, VDS = 0
IGS(OP)2
–0.35
mA
VGS = –3.5 V, VDS = 0
Zero gate voltage drain current
IDSS
–10
A
VDS = –60 V, VGS = 0
Gate to source cut off voltage
VGS(off)
–1.1
–2.25
V
VDS = –10 V, ID = –1 mA
Forward transfer admittance
|yfs|
2
4
S
ID =–2.5 A, VDS =–10 Vnote3
Static drain to source on state
resistance
RDS(on)
200
340
m
ID = –2.5 A, VGS = –4 Vnote3
RDS(on)
140
200
m
ID = –2.5 A, VGS = –10 Vnote3
Output capacitance
Coss
326
pF
VDS = –10 V, VGS = 0,
f = 1 MHz
Turn-on delay time
td(on)
2
s
VGS = –5 V, ID= –2.5 A, RL =
12
Rise time
tr
7.6
s
Turn off delay time
td(off)
3.2
s
Fall time
tf
3.2
s
Body-drain diode forward voltage
VDF
–0.9
V
IF = –5 A, VGS = 0
Body-drain diode reverse recovery
time
trr
77
ns
IF = –5 A, VGS = 0
diF/dt = 50 A/
s
Over lord shut down
operation time note4
tos1
4.4
ms
VGS = –5 V, VDD = –16 V
tos2
2
ms
VGS = –5 V, VDD = –24 V
Notes: 3. Pulse test
4. Including the junction temperature rise of the lorded condition


Similar Part No. - HAF1010RJ_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1010RJ RENESAS-HAF1010RJ Datasheet
147Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
More results

Similar Description - HAF1010RJ_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF1009 RENESAS-HAF1009 Datasheet
113Kb / 10P
   Silicon P Channel MOS FET Series Power Switching
RJE0603JPE RENESAS-RJE0603JPE_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD_15 Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
HAF1004 RENESAS-HAF1004_15 Datasheet
138Kb / 12P
   Silicon P Channel MOS FET Series Power Switching
HAF1008 RENESAS-HAF1008_15 Datasheet
140Kb / 13P
   Silicon P Channel MOS FET Series Power Switching
HAF1010RJ RENESAS-HAF1010RJ Datasheet
147Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0616JSP RENESAS-RJE0616JSP Datasheet
99Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0607JSP RENESAS-RJE0607JSP_15 Datasheet
101Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
HAF1001 RENESAS-HAF1001 Datasheet
88Kb / 8P
   Silicon P Channel MOS FET Series Power Switching
RJE0601JPE RENESAS-RJE0601JPE Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
RJE0609JPD RENESAS-RJE0609JPD Datasheet
90Kb / 7P
   Silicon P Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com