Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F845DD103M760C Datasheet(PDF) 5 Page - Kemet Corporation

Part # F845DD103M760C
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F845DD103M760C Datasheet(HTML) 5 Page - Kemet Corporation

  F845DD103M760C Datasheet HTML 1Page - Kemet Corporation F845DD103M760C Datasheet HTML 2Page - Kemet Corporation F845DD103M760C Datasheet HTML 3Page - Kemet Corporation F845DD103M760C Datasheet HTML 4Page - Kemet Corporation F845DD103M760C Datasheet HTML 5Page - Kemet Corporation F845DD103M760C Datasheet HTML 6Page - Kemet Corporation F845DD103M760C Datasheet HTML 7Page - Kemet Corporation F845DD103M760C Datasheet HTML 8Page - Kemet Corporation F845DD103M760C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3109_PHE845_X1_760 • 5/15/2015
5
Film Capacitors – Metallized Polypropylene Film EMI Suppression Capacitors
PHE845 Series, Class X1, 760 VAC, 105°C
Environmental Test Data
Test
IEC Publication
Procedure
Endurance
IEC 60384-14:2005
1.25 x V
R VAC 50 Hz, once every hour increase to 1,000 VAC for 0.1
second, 1,000 hours at upper rated temperature
Vibration
IEC 60068–2–6 Test Fc
3 directions at 2 hours each 10 – 55 Hz at 0.75 mm or 98 m/s2
Novisibledamage.Noopenorshortcircuit.
Bump
IEC60068-2-29TestEb
1,000bumpsat390m/s2
Novisibledamage.Noopenorshortcircuit.
Change of Temperature
IEC 60068-2-14 Test Na
Upper and lower rated temperature 5 cycles
Novisibledamage.
ActiveFlammability
IEC 60384-14:2005
V
R+20surgepulsesat4kV(pulseevery5seconds)
PassiveFlammability
IEC 60384-14:2005
IEC 60384–1, IEC 60695–11–5 Needle Flame Test
Damp Heat Steady State
IEC60068-2-78TestCab
+40°Cand90–95%RH,56days
Approvals
Certification Body
Mark
Specification
File Number
Intertek Semko AB
EN/IEC 60384-14
SE/0140–17D
UL
UL 60384 and
CAN/CSA E60384-14:09
(760 VAC)
E73869
Environmental Compliance
All KEMET EMI capacitors are RoHS Compliant.


Similar Part No. - F845DD103M760C

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F84-12-TL PANDUIT-F84-12-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-15-TL PANDUIT-F84-15-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-18-TL PANDUIT-F84-18-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-20-TL PANDUIT-F84-20-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
F84-25-TL PANDUIT-F84-25-TL Datasheet
84Kb / 2P
   Ferrules, Non-Insulated
More results

Similar Description - F845DD103M760C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com