Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17318Q2T Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17318Q2T
Description  30-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17318Q2T Datasheet(HTML) 5 Page - Texas Instruments

  CSD17318Q2T Datasheet HTML 1Page - Texas Instruments CSD17318Q2T Datasheet HTML 2Page - Texas Instruments CSD17318Q2T Datasheet HTML 3Page - Texas Instruments CSD17318Q2T Datasheet HTML 4Page - Texas Instruments CSD17318Q2T Datasheet HTML 5Page - Texas Instruments CSD17318Q2T Datasheet HTML 6Page - Texas Instruments CSD17318Q2T Datasheet HTML 7Page - Texas Instruments CSD17318Q2T Datasheet HTML 8Page - Texas Instruments CSD17318Q2T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
D006
VGS - Gate-To-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
D007
TC = 25°C, I D = 8 A
TC = 125°C, I D = 8 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
D004
VDS - Drain-to-Source Voltage (V)
0
5
10
15
20
25
30
10
100
1000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
VDS - Drain-to-Source Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
10
20
30
40
50
60
70
80
D002
VGS = 2.5 V
VGS = 4.5 V
VGS = 8 V
VGS - Gate-to-Source Voltage (V)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
5
10
15
20
25
D003
TC = 125°C
TC = 25°C
TC = -55°C
5
CSD17318Q2
www.ti.com
SLPS667 – FEBRUARY 2017
Product Folder Links: CSD17318Q2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise noted)
Figure 2. Saturation Characteristics
VDS = 5 V
Figure 3. Transfer Characteristics
ID = 8 A
VDS = 15 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = 250 µA
Figure 6. Threshold Voltage vs Temperature
ID = 8 A
Figure 7. On-State Resistance vs Gate-to-Source Voltage


Similar Part No. - CSD17318Q2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17310Q5A TI-CSD17310Q5A Datasheet
367Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17310Q5A TI1-CSD17310Q5A Datasheet
1Mb / 23P
[Old version datasheet]   Using the TPS51916EVM-746 Complete DDR2, DDR3
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results

Similar Description - CSD17318Q2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com