Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA231 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA231
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA231 Datasheet HTML 6Page - Texas Instruments INA231 Datasheet HTML 7Page - Texas Instruments INA231 Datasheet HTML 8Page - Texas Instruments INA231 Datasheet HTML 9Page - Texas Instruments INA231 Datasheet HTML 10Page - Texas Instruments INA231 Datasheet HTML 11Page - Texas Instruments INA231 Datasheet HTML 12Page - Texas Instruments INA231 Datasheet HTML 13Page - Texas Instruments INA231 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ADC
´
´
Shunt Voltage
Channel
Bus Voltage
Channel
Shunt Voltage
(1)
Data Registers
Calibration
(2)
Current
(1)
Bus Voltage
(1)
Power
(1)
10
INA231
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The INA231 is a digital, current-sense amplifier with an I2C- and SMBus-compatible interface. It provides digital
current, voltage, and power readings necessary for accurate decision-making in precisely controlled systems.
Programmable registers allow flexible configuration for measurement resolution, as well as continuous-versus-
triggered operation. Detailed register information is shown in the Register Maps section. See the Functional
Block Diagram section for a block diagram of the INA231 device.
8.2 Functional Block Diagram
(1)
Read-only
(2)
Read/write
Figure 20. Functional Block Diagram
8.3 Feature Description
8.3.1 Basic Analog-to-Digital Converter (ADC) Functions
The INA231 performs two measurements on the power-supply bus of interest. The voltage developed from the
load current that flows through a shunt resistor creates the shunt voltage signal that is measured at the IN+ and
IN– pins. The device can also measure the power supply bus voltage by connecting this voltage to the BUS pin.
The differential shunt voltage is measured with respect to the IN– pin whereas the bus voltage is measured with
respect to ground.
The INA231 is typically powered by a separate supply that can range from 2.7 V to 5.5 V. The bus that is being
monitored can range in voltage from 0 V to 28 V.
NOTE
Based on the fixed 1.25 mV LSB for the bus voltage register, a full-scale register would
result in a 40.96-V value. However, the actual voltage that is applied to the input pins of
the INA231 should not exceed 28 V.
There are no special considerations for power-supply sequencing because the common-mode input range and
power-supply voltage are independent of each other; therefore, the bus voltage can be present with the supply
voltage off, and vice-versa.
As noted, the INA231 takes two measurements, shunt voltage and bus voltage. It then converts these
measurements to current, based on the Calibration register value, and then calculates power. See the Configure,
Measure, and Calculate Example section for additional information on programming the calibration register.


Similar Part No. - INA231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI1-INA231 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231AIYFDR TI1-INA231AIYFDR Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231AIYFDT TI1-INA231AIYFDT Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results

Similar Description - INA231

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA233 TI1-INA233 Datasheet
681Kb / 48P
[Old version datasheet]   High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com