Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5176PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5176PWPR
Description  55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5176PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5176PWPR Datasheet HTML 3Page - Texas Instruments LM5176PWPR Datasheet HTML 4Page - Texas Instruments LM5176PWPR Datasheet HTML 5Page - Texas Instruments LM5176PWPR Datasheet HTML 6Page - Texas Instruments LM5176PWPR Datasheet HTML 7Page - Texas Instruments LM5176PWPR Datasheet HTML 8Page - Texas Instruments LM5176PWPR Datasheet HTML 9Page - Texas Instruments LM5176PWPR Datasheet HTML 10Page - Texas Instruments LM5176PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
LM5176
www.ti.com
SNVSAI1 – JUNE 2017
Product Folder Links: LM5176
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 24 V unless otherwise stated.
(1)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
DITHER
IDITHER
Dither source/sink current
11
µA
VDITHER
Dither high threshold
1.27
V
Dither low threshold
1.16
SYNC
VSYNC
Sync input high threshold
2.1
V
Sync input low threshold
1.2
PWSYNC
Minimum sync input pulse width
50
ns
CURRENT LIMIT
VCS(BUCK)
Buck current limit threshold (Valley)
VIN = VVISNS = 24 V, VVOSNS = 12 V,
VSLOPE = 0 V
66
80
94
mV
VCS(BOOST)
Boost current limit threshold (Peak)
VIN = VVISNS = 12 V, VVOSNS = 18 V,
VSLOPE = 0 V
100
120
140
IBIAS(CS/CSG)
CS/CSG pin bias current
VCS = VCSG = 0 V
-80
µA
IOFFSET(CS/CS
G)
CSG pin bias current
VCS = VCSG = 0 V
19
CONSTANT CURRENT LOOP
VSNS
Average current loop regulation target
VISNS(-) = 24 V, sweep ISNS(+), VSS =
0.8 V
43
50
57
mV
ISNS
ISNS(+)/ISNS(–) pin bias currents
VISNS(+) = VISNS(–) = VIN = 24 V
3
µA
Gm
gm of soft-start pull down amplifier
VISNS(+)–VISNS(–) = 55 mV, VSS = 0.5
V
1
mS
SLOPE
ISLOPE
Buck adaptive slope current
VIN = VVISNS = 24 V, VVOSNS = 12 V,
VSLOPE = 0 V
24
30
35
µA
Boost adaptive slope current
VIN = VVISNS = 12 V, VVOSNS = 18 V,
VSLOPE = 0 V
13
17
21
gmSLOPE
Slope compensation amplifier gm
2
µS
MODE
IMODE
Source current out of MODE pin
17
20
23
µA
VCCM_HIC
CCM with hiccup threshold
1.18
1.28
1.38
V
VCCM
CCM no hiccup threshold
2.22
2.4
2.6
V


Similar Part No. - LM5176PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5176PWPR TI1-LM5176PWPR Datasheet
2Mb / 37P
[Old version datasheet]   55-V Wide VIN synchronous 4-switch buck-boost controller
More results

Similar Description - LM5176PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
[Old version datasheet]   55-V Wide VIN synchronous 4-switch buck-boost controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
[Old version datasheet]   30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936-Q1 TI1-LM34936-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   30-V Wide VIN Synchronous Four-Switch Buck-Boost Controller
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
[Old version datasheet]   LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
LM5177 TI-LM5177 Datasheet
2Mb / 52P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI-LM5177_V01 Datasheet
2Mb / 54P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com