Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25145RGYT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM25145RGYT
Description  6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25145RGYT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25145RGYT Datasheet HTML 3Page - Texas Instruments LM25145RGYT Datasheet HTML 4Page - Texas Instruments LM25145RGYT Datasheet HTML 5Page - Texas Instruments LM25145RGYT Datasheet HTML 6Page - Texas Instruments LM25145RGYT Datasheet HTML 7Page - Texas Instruments LM25145RGYT Datasheet HTML 8Page - Texas Instruments LM25145RGYT Datasheet HTML 9Page - Texas Instruments LM25145RGYT Datasheet HTML 10Page - Texas Instruments LM25145RGYT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
7
LM25145
www.ti.com
SNVSAT9 – JUNE 2017
Product Folder Links: LM25145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Recommended Operating Conditions are conditions under which the device is intended to be functional. For specifications and test
conditions, see Electrical Characteristics.
7.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of –40°C to 125°C (unless otherwise noted).
(1)
MIN
NOM
MAX
UNIT
VI
Input voltages
VIN
6
42
V
SW
–1
42
ILIM
–1
42
External VCC bias rail
8
13
EN/UVLO
0
42
VO
Output voltages
BST
–0.3
55
V
BST to VCC
42
BST to SW
5
13
PGOOD
13
ISINK,
ISRC
Sink/source currents
SYNCOUT
–1
1
mA
PGOOD
2
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
LM25145
UNIT
RGY (VQFN)
20 PINS
RθJA
Junction-to-ambient thermal resistance
36.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
28
°C/W
RθJB
Junction-to-board thermal resistance
11.8
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
11.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.1
°C/W
(1)
All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations and
applying statistical process control.
(2)
The junction temperature (TJ in °C) is calculated from the ambient temperature (TA in °C) and power dissipation (PD in Watts) as follows:
TJ = TA + (PD • RθJA) where RθJA (in °C/W) is the package thermal impedance provided in Thermal Information.
7.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 24 V, VEN/UVLO = 1.5 V, RRT = 25 kΩ unless otherwise stated.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Operating input voltage range
6
42
V
IQ-RUN
Operating input current, not switching
VEN/UVLO = 1.5 V, VSS/TRK = 0 V
1.8
2.1
mA
IQ-STBY
Standby input current
VEN/UVLO = 1 V
1.75
2
mA
IQ-SDN
Shutdown input current
VEN/UVLO = 0 V, VVCC < 1 V
13.5
16
µA
VCC REGULATOR
VVCC
VCC regulation voltage
VSS/TRK = 0 V, 9 V ≤ VVIN ≤ 42 V,
0 mA < IVCC ≤ 20 mA
7.3
7.5
7.7
V
VVCC-LDO
VIN to VCC dropout voltage
VVIN = 6 V, VSS/TRK = 0 V, IVCC = 20 mA
0.25
0.63
V
ISC-LDO
VCC short-circuit current
VSS/TRK = 0 V, VVCC = 0 V
40
50
70
mA
VVCC-UV
VCC undervoltage threshold
VVCC rising
4.8
4.93
5.2
V
VVCC-UVH
VCC undervoltage hysteresis
Rising threshold – falling threshold
0.26
V


Similar Part No. - LM25145RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25145 TI-LM25145 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25145 TI-LM25145 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25145 TI-LM25145 Datasheet
5Mb / 70P
[Old version datasheet]   LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM25145 TI1-LM25145 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results

Similar Description - LM25145RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
[Old version datasheet]   6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
[Old version datasheet]   100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LV5144 TI1-LV5144 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
[Old version datasheet]   LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com