Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87332B-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP87332B-Q1
Description  Dual High-Current Buck Converter and Dual Linear Regulator
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87332B-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LP87332B-Q1 Datasheet HTML 1Page - Texas Instruments LP87332B-Q1 Datasheet HTML 2Page - Texas Instruments LP87332B-Q1 Datasheet HTML 3Page - Texas Instruments LP87332B-Q1 Datasheet HTML 4Page - Texas Instruments LP87332B-Q1 Datasheet HTML 5Page - Texas Instruments LP87332B-Q1 Datasheet HTML 6Page - Texas Instruments LP87332B-Q1 Datasheet HTML 7Page - Texas Instruments LP87332B-Q1 Datasheet HTML 8Page - Texas Instruments LP87332B-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
4
LP87332B-Q1
SNVSAT2 – JUNE 2017
www.ti.com
Product Folder Links: LP87332B-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
22, 23
SW_B0
P/O
Buck 0 switch node. If the Buck 0 is not used, leave the pin floating.
24, 25
VIN_B0
P/I
Input for Buck 0. The separate power pins VIN_Bx are not connected together internally -
VIN_Bx pins must be connected together in the application and be locally bypassed.
26
GPO
D/O
General-purpose digital output. If the pin is not used, leave the pin floating.
27
PGOOD
D/O
Power-good indication signal. If the pin is not used, leave the pin floating.
28
VIN_LDO0
P/I
Power input for LDO0. If LDO0 is not used, connect the pin to VANA.
Thermal
Pad
Connect to PCB ground plane using multiple vias for good thermal performance.


Similar Part No. - LP87332B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87332A-Q1 TI1-LP87332A-Q1 Datasheet
2Mb / 70P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1_18 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332ARHDRQ1 TI1-LP87332ARHDRQ1 Datasheet
2Mb / 70P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332ARHDRQ1 TI1-LP87332ARHDRQ1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results

Similar Description - LP87332B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP873220 TI1-LP873220 Datasheet
3Mb / 74P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP8733-Q1 TI1-LP8733-Q1 Datasheet
6Mb / 85P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP873222-Q1 TI1-LP873222-Q1 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1 Datasheet
2Mb / 70P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP873220-Q1 TI1-LP873220-Q1_17 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332D-Q1 TI1-LP87332D-Q1_17 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87322B-Q1 TI1-LP87322B-Q1_18 Datasheet
3Mb / 75P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332A-Q1 TI1-LP87332A-Q1_18 Datasheet
3Mb / 73P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
LP87332D TI1-LP87332D Datasheet
3Mb / 74P
[Old version datasheet]   Dual High-Current Buck Converter and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com