Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294582DRVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294582DRVR
Description  Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294582DRVR Datasheet(HTML) 5 Page - Texas Instruments

  BQ294582DRVR Datasheet HTML 1Page - Texas Instruments BQ294582DRVR Datasheet HTML 2Page - Texas Instruments BQ294582DRVR Datasheet HTML 3Page - Texas Instruments BQ294582DRVR Datasheet HTML 4Page - Texas Instruments BQ294582DRVR Datasheet HTML 5Page - Texas Instruments BQ294582DRVR Datasheet HTML 6Page - Texas Instruments BQ294582DRVR Datasheet HTML 7Page - Texas Instruments BQ294582DRVR Datasheet HTML 8Page - Texas Instruments BQ294582DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
bq294502, bq294504, bq294512, bq294514
bq294515, bq294522, bq294524, bq294532
bq294533, bq294562, bq294572, bq294582, bq294592
www.ti.com
SLUSAJ3F – SEPTEMBER 2011 – REVISED JUNE 2017
Product Folder Links: bq294502 bq294504 bq294512 bq294514 bq294515 bq294522 bq294524 bq294532
bq294533 bq294562 bq294572 bq294582 bq294592
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See Figure 8.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
VDD–VSS
–0.3
30
V
Input voltage
V1–VSS or V2–VSS or V3–VSS+
–0.3
30
V
V3–V2 or V2–V1
–0.3
8
V
Output voltage
OUT–VSS
–0.3
30
V
Continuous total power dissipation, PTOT
See Thermal
Information
Lead temperature (soldering, 10 s), TSOLDER
300
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
See Typical Application.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VDD
(1)
3
25
V
Input voltage
V3–V2 or V2–V1 or V1–VSS
0
5
V
Operating ambient temperature, TA
–40
110
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
bq2945xx
UNIT
DRV (SON)
6 PINS
RθJA
Junction-to-ambient thermal resistance
186.4
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
90.4
°C/W
RθJB
Junction-to-board thermal resistance
110.7
°C/W
ψJT
Junction-to-top characterization parameter
96.7
°C/W
ψJB
Junction-to-board characterization parameter
90
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
N/A
°C/W


Similar Part No. - BQ294582DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294582DRVR TI-BQ294582DRVR Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294582DRVR TI-BQ294582DRVR Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294582DRVR TI-BQ294582DRVR Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
More results

Similar Description - BQ294582DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com