Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS86B12A-3 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # BS86B12A-3
Description  Touch A/D Flash MCU with LED/LCD Driver
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS86B12A-3 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button BS86B12A-3 Datasheet HTML 2Page - Holtek Semiconductor Inc BS86B12A-3 Datasheet HTML 3Page - Holtek Semiconductor Inc BS86B12A-3 Datasheet HTML 4Page - Holtek Semiconductor Inc BS86B12A-3 Datasheet HTML 5Page - Holtek Semiconductor Inc BS86B12A-3 Datasheet HTML 6Page - Holtek Semiconductor Inc BS86B12A-3 Datasheet HTML 7Page - Holtek Semiconductor Inc BS86B12A-3 Datasheet HTML 8Page - Holtek Semiconductor Inc BS86B12A-3 Datasheet HTML 9Page - Holtek Semiconductor Inc BS86B12A-3 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 195 page
background image
Rev. 1.40
De�e��e� 0�� �01�
Rev. 1.40
7
De�e��e� 0�� �01�
BS86B12A-3/BS86C16A-3/BS86D20A-3
Touch A/D Flash MCU with LED/LCD Driver
BS86B12A-3/BS86C16A-3/BS86D20A-3
Touch A/D Flash MCU with LED/LCD Driver
Features
CPU Features
• OperatingVoltage
fSYS=8MHz:2.7V~5.5V
fSYS=12MHz:2.7V~5.5V
fSYS=16MHz:4.5V~5.5V
• Upto0.25μsinstructioncyclewith16MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• ThreeOscillators
HighSpeedInternalRC--HIRC:8/12/16MHz
LowSpeedInternalRC--LIRC:32kHz
LowspeedExternalCrystal--LXT:32768Hz(forBS86C16A-3/BS86D20A-3only)
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedinonetothreeinstructioncycles
• Tablereadinstructions
• 115powerfulinstructions
• Upto8-levelsubroutinenesting
• Bitmanipulationinstruction


Similar Part No. - BS86B12A-3

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BS8-01 BITECH-BS8-01 Datasheet
446Kb / 9P
   BS DIP
BS8-SE BITECH-BS8-SE Datasheet
356Kb / 7P
   BS DIP
logo
Shenzhen Bencent Electr...
BS8000N-C-F BENCENT-BS8000N-C-F Datasheet
344Kb / 5P
   Eliminates overvoltage caused by fast rising transients
logo
Holtek Semiconductor In...
BS801B HOLTEK-BS801B Datasheet
167Kb / 21P
   Touch Key
BS801C HOLTEK-BS801C Datasheet
181Kb / 21P
   Touch Key
More results

Similar Description - BS86B12A-3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS82B12A-3 HOLTEK-BS82B12A-3 Datasheet
7Mb / 170P
   Touch Flash MCU with LED/LCD Driver
BS67F340 HOLTEK-BS67F340 Datasheet
7Mb / 281P
   Enhanced Touch A/D Flash MCU with LCD Driver
BS66F340 HOLTEK-BS66F340 Datasheet
7Mb / 256P
   Enhanced Touch A/D Flash MCU with LED Driver
BS85B12-3 HOLTEK-BS85B12-3 Datasheet
2Mb / 182P
   Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
BS85B12-3 HOLTEK-BS85B12-3_12 Datasheet
7Mb / 183P
   Touch Key Flash Type 8-Bit MCU with LCD/LED Driver
BS84B06A-3 HOLTEK-BS84B06A-3 Datasheet
5Mb / 119P
   Touch A/D Flash MCU
BS84B08C HOLTEK-BS84B08C Datasheet
6Mb / 135P
   Touch A/D Flash MCU
BS87B12A-3 HOLTEK-BS87B12A-3 Datasheet
7Mb / 224P
   Touch A/D Flash MCU with OCVP
HT67F86A HOLTEK-HT67F86A Datasheet
8Mb / 213P
   TinyPower A/D Flash MCU with LCD
HT66F317 HOLTEK-HT66F317 Datasheet
7Mb / 198P
   Enhanced A/D MCU with LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com