Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F65 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 231 page
background image
Rev. 1.60
6
�ove��e� ��� �01�
Rev. 1.60
7
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Features
CPU Features
• Operatingvoltage
fSYS=4MHz:2.2V~5.5V
fSYS=8MHz:2.4V~5.5V
fSYS=12MHz:2.7V~5.5V
fSYS=16MHz:4.5V~5.5V
• Upto0.33μsinstructioncyclewith12MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Fiveoscillators
ExternalCrystal-HXT
External32.768kHzCrystal-LXT
ExternalRC-ERC(HT45F66/HT45F67)
InternalRC-HIRC
Internal32kHzRC-LIRC
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Fullyintegratedinternal4MHz,8MHzand12MHzoscillatorrequiresnoexternalcomponents
• Allinstructionsexecutedinoneortwoinstructioncycles
• Tablereadinstructions
• 61or63powerfulinstructions
• Upto12-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• FlashProgramMemory:8Kx16~32Kx16
• RAMDataMemory:256x8~512x8
• InApplicationProgramming(IAP)
• WatchdogTimerfunction
• Upto59bidirectionalI/Olines
• LCDdriverfunction
• Multiplepin-sharedexternalinterrupts
• MultipleTimerModulefortimemeasure,inputcapture,comparematchoutput,PWMoutputor
singlepulseoutputfunction
• SerialInterfacesModulewithDualSPIandI2Cinterfaces
• SingleSerialSPIInterface
• UARTInterfaceforfullyduplexasynchronouscomminucation
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• Multi-channel12-bitresolutionA/Dconverter
• Lowvoltageresetfunction
• Lowvoltagedetectfunction
• Temperaturesensor
• 10-bitDAC
• 16-bitAudioDAC
• Bandgap
• OperationalAmplifier
• Packagetypes:48-pin/64-pinand80-pinLQFP
• Flashprogrammemorycanbere-programmedupto100,000times
• Flashprogrammemorydataretention>10years


Similar Part No. - HT45F65

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
HT45F0060 HOLTEK-HT45F0060 Datasheet
5Mb / 95P
   RGB Dimming LED Flash MCU
HT45F0084 HOLTEK-HT45F0084 Datasheet
5Mb / 160P
   Cord-free Vacuum Cleaner ASSP Flash MCU
HT45F12 HOLTEK-HT45F12 Datasheet
4Mb / 104P
   8-Bit Flash MCU with Op Amps & Comparators
HT45F12 HOLTEK-HT45F12_12 Datasheet
4Mb / 103P
   8-Bit Flash MCU with Op Amps & Comparators
More results

Similar Description - HT45F65

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BH66F2470 HOLTEK-BH66F2470 Datasheet
7Mb / 223P
   Glucose Meter Flash MCU
BH67F2470 HOLTEK-BH67F2470 Datasheet
7Mb / 240P
   Glucose Meter Flash MCU with LCD
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
   PIR 8-Bit Flash MCU
logo
Core Technology (Shenzh...
CSU8RF3421 CHIPSEA-CSU8RF3421 Datasheet
2Mb / 131P
   12-bit ADC 8 - bit RISC FLASH FLASH MCU
logo
Holtek Semiconductor In...
BS83A04A-3 HOLTEK-BS83A04A-3 Datasheet
3Mb / 72P
   Touch Key 8-bit Flash MCU
BS83B08-3 HOLTEK-BS83B08-3 Datasheet
788Kb / 141P
   8-Bit Touch Key Flash MCU
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
logo
Holtek Semiconductor In...
BS83B08A-3 HOLTEK-BS83B08A-3 Datasheet
5Mb / 119P
   8-Bit Touch Key Flash MCU
HT66F0182 HOLTEK-HT66F0182 Datasheet
6Mb / 116P
   A/D 8-Bit Flash MCU
HT85F2260 HOLTEK-HT85F2260 Datasheet
4Mb / 226P
   Standard 8051 8-Bit Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com