Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNE-100W Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # LNE-100W
Description  North American and International AC voltage options
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LNE-100W Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  LNE-100W Datasheet HTML 1Page - Delta Electronics, Inc. LNE-100W Datasheet HTML 2Page - Delta Electronics, Inc. LNE-100W Datasheet HTML 3Page - Delta Electronics, Inc. LNE-100W Datasheet HTML 4Page - Delta Electronics, Inc. LNE-100W Datasheet HTML 5Page - Delta Electronics, Inc. LNE-100W Datasheet HTML 6Page - Delta Electronics, Inc. LNE-100W Datasheet HTML 7Page - Delta Electronics, Inc. LNE-100W Datasheet HTML 8Page - Delta Electronics, Inc. LNE-100W Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TECHNICAL DATASHEET
LED Driver
LNE-100W Series / LNE-
V100W□□□
All parameters are specified at 25°C ambient for all products unless otherwise indicated.
www.DeltaPSU.com (April 2016, Rev. 03)
5
Model Number
LNE-12V100W☐
LNE-24V100W☐
LNE-36V100W☐
LNE-48V100W☐
Output Ratings / Characteristics*
Nominal Output Voltage
12Vdc
24Vdc
36Vdc
48Vdc
LED System Voltage Range in CC Mode
6-12Vdc
12-24Vdc
18-36Vdc
24-48Vdc
Output Voltage Adjustment Range**
10.8-13.5V
22.0-27.0V
33.0-40.0V
43.0-53.0V
Nominal Output Current
8.0A
4.0A
2.65A
2.0A
Output Current Adjustment Range**
4.0-8.0A
2.0-4.0A
1.325-2.65A
1.0-2.0A
Output Power
96W
96W
95.4W
96W
Line Regulation
@ 90-305Vac (LNE-☐V100W☐A☐)
@ 90-264Vac (LNE-☐V100W☐C☐)
± 0.5%
Load Regulation (0-95% load)
@ 90-305Vac (LNE-☐V100W☐A☐)
@ 90-264Vac (LNE-☐V100W☐C☐)
± 2.0%
± 1.0%
± 0.5%
± 0.5%
PARD*** (20MHz)
< 150mVpp
< 150mVpp
< 200mVpp
< 200mVpp
Rise Time
< 50ms @ 115Vac & 230Vac & 277Vac
Start-up Time
1200ms typ. @ 115Vac (100% load)
500ms typ. @ 230Vac & 277Vac (100% load)
Hold-up Time
16ms typ. @ 115Vac & 230Vac & 277Vac (100% load)
Dynamic Response
(Overshoot & Undershoot O/P Voltage)
± 5% @ 0-90% load , @ 115Vac & 230Vac & 277Vac
(Slew Rate: 0.1A/µS)
* For power de-rating from 60°C to 70°C, see power de-rating at Fig.1 on page 10.
** For LNE-☐V100WA☐☐ package type only.
*** PARD is measured with an AC coupling mode, and in parallel with 0.1µF ceramic capacitor & 47µF electrolytic capacitor.


Similar Part No. - LNE-100W

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LNE-120W DELTA-LNE-120W Datasheet
1,007Kb / 15P
   North American and International AC voltage options
LNE-150W DELTA-LNE-150W Datasheet
1,020Kb / 15P
   North American and International AC voltage options
LNE-185W DELTA-LNE-185W Datasheet
998Kb / 15P
   North American and International AC voltage options
More results

Similar Description - LNE-100W

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LNE-120W DELTA-LNE-120W Datasheet
1,007Kb / 15P
   North American and International AC voltage options
LNE-150W DELTA-LNE-150W Datasheet
1,020Kb / 15P
   North American and International AC voltage options
LNE-185W DELTA-LNE-185W Datasheet
998Kb / 15P
   North American and International AC voltage options
logo
List of Unclassifed Man...
6665 ETC2-6665 Datasheet
53Kb / 2P
   RETRACTILE CORD - NORTH AMERICAN
179708 ETC2-179708 Datasheet
340Kb / 3P
   NORTH AMERICAN POWER SUPPLY CORD
1753610B1 ETC2-1753610B1 Datasheet
60Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1775110B1 ETC2-1775110B1 Datasheet
69Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1751810B1 ETC2-1751810B1 Datasheet
386Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1752410B1 ETC2-1752410B1 Datasheet
61Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com