Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNE-150W Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # LNE-150W
Description  North American and International AC voltage options
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LNE-150W Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button LNE-150W Datasheet HTML 3Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 4Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 5Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 6Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 7Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 8Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 9Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 10Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TECHNICAL DATASHEET
LED Driver
LNE-150W Series / LNE-
V150W□□□
All parameters are specified at 25°C ambient for all products unless otherwise indicated.
www.DeltaPSU.com (April 2016, Rev. 02)
7
Model Number
LNE-12V150W☐
LNE-24V150W☐
LNE-36V150W☐
LNE-48V150W☐
LNE-54V150W☐
Reliability Data
MTBF
> 700,000 hrs. per Telcordia SR-332 at Input: 115Vac, Output: 100% load, Ta: 25°C
Expected Cap Life Time
10 years (115Vac & 230Vac, 50% load @ 40°C)
Safety Standards / Directives
Electrical Safety
LNE-☐V150W☐C☐:
CB scheme to IEC 61347-1, IEC 61347-2-13
ENEC to EN 61347-1, EN 61347-2-13, EN 62384
CCC to GB19510.1, GB19510.14
KC to KC61347-1, KC61347-2-13, KC62384
PSE to J61347-1, J61347-2-13
LNE-☐V150W☐A☐:
cRUus to UL 8750 and CAN/CSA C22.2 No. 60950-1
CE
In conformance with EMC Directive 2004/108/EC and Low Voltage Directive 2006/95/EC
(LNE-☐V150W☐C☐)
Material and Parts
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to Output
3.85kVac
Input to Ground
2.0kVac
Output to Ground
1.5kVac
EMC
EMC / Emissions
CISPR 15, EN 55015, GB17743
Compliance to CISPR 22, EN 55022, FCC Title 47: Class B
Immunity to
EN 61547, Compliance to EN 55024
Electrostatic
Discharge
IEC 61000-4-2
Level 4 Criteria B
2)
Air Discharge: 15kV
Contact Discharge: 8kV
Level 3 Criteria A
1)
Air Discharge: 8KV
Contact Discharge: 6KV
Radiated Field
IEC 61000-4-3
Level 3 Criteria A
1)
80MHz-1GHz, 10V/M with 1kHz tone / 80% modulation
Electrical Fast
Transient / Burst
IEC 61000-4-4
Level 3 Criteria A
1)
2kV
Surge
IEC 61000-4-5
Level 5 Criteria B
2)
Common Mode
3): 6kV
Differential Mode
4): 4kV
Conducted
IEC 61000-4-6
Level 3 Criteria A
1)
150kHz-80MHz, 10Vrms
Power Frequency
Magnetic Fields
IEC 61000-4-8
Level 3 Criteria A
1)
10A/Meter
Voltage Dips
IEC 61000-4-11
100% dip, 0.5 cycle, Criteria A
1)
70% dip, 10 cycle, Criteria B
2) @ 100Vac & Criteria A1) @ 230Vac
Harmonic Current Emission
IEC/EN 61000-3-2, Class C; GB17625.1
(THD conditions:
115Vac & 230Vac @ ≥ 60% load & 277Vac @ ≥ 75% load)
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
1) Criteria A: Normal performance within the specification limits
2) Criteria B: Temporary degradation or loss of function which is self-recoverable
3) Asymmetrical: Common mode (Line to earth)
4) Symmetrical: Differential mode (Line to line)


Similar Part No. - LNE-150W

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LNE-100W DELTA-LNE-100W Datasheet
969Kb / 15P
   North American and International AC voltage options
LNE-120W DELTA-LNE-120W Datasheet
1,007Kb / 15P
   North American and International AC voltage options
LNE-185W DELTA-LNE-185W Datasheet
998Kb / 15P
   North American and International AC voltage options
More results

Similar Description - LNE-150W

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LNE-120W DELTA-LNE-120W Datasheet
1,007Kb / 15P
   North American and International AC voltage options
LNE-185W DELTA-LNE-185W Datasheet
998Kb / 15P
   North American and International AC voltage options
LNE-100W DELTA-LNE-100W Datasheet
969Kb / 15P
   North American and International AC voltage options
logo
List of Unclassifed Man...
6665 ETC2-6665 Datasheet
53Kb / 2P
   RETRACTILE CORD - NORTH AMERICAN
179708 ETC2-179708 Datasheet
340Kb / 3P
   NORTH AMERICAN POWER SUPPLY CORD
1753610B1 ETC2-1753610B1 Datasheet
60Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1775110B1 ETC2-1775110B1 Datasheet
69Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1751810B1 ETC2-1751810B1 Datasheet
386Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1752410B1 ETC2-1752410B1 Datasheet
61Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com