Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-030AAC24 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # MDS-030AAC24
Description  Medical AC-DC Adapter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-030AAC24 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  MDS-030AAC24 Datasheet HTML 1Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 2Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 3Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 4Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 5Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 6Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 7Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 8Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TECHNICAL DATASHEET
Medical AC-DC Adapter
MDS-030AAC Series / MDS-030AAC
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2017, Rev.07)
1
030AAC
Highlights & Features
MDS-030AAC05, 12, 15, 24 Meet Efficiency Level VI
MDS-030AAC07 Meet Efficiency Level V
Safety Approvals to IEC 60601-1 3.1rd ed. & IEC 60950-1
Compliant with IEC 60601-1-2 4th Ed. Requirements
Meets Limited Power Source (LPS) requirements
Low touch current. Suitable for type BF applications
Detachable AC plug with multiple country options
IP22 ingress protection rating
2 × MOPP isolation
500K hours MTBF
3 years warranty
Safety Standards
CB Certified for worldwide use
Model Number:
MDS-030AAC☐
Unit Weight:
150 grams
Dimensions (W × L × H): 53.5 × 88.0 × 27.5 mm
2.11 × 3.46 × 1.08 inch
General Description
The MDS series of external power supply comes with universal AC input at 85Vac to 264Vac. Other features include low touch current,
risk management report available and the electric shock protection comply with 2 × MOPP. The MDS series is certified for EMC
standards according to EN 55011 for industrial, scientific and medical (ISM) radio-frequency equipment and EN 55022 for Information
Technology Equipment (ITE) radio-frequency equipment. In addition, only recognized Japanese capacitors are used.
The MDS series come with both medical and ITE safety approvals including UL/cUL and IEC-60950-1 CB certification as a Limited
Power Source (LPS), and CCC approval. Designs are fully compliant with RoHS Directive 2011/65/EU for environmental protection.
Model Information
Medical AC-DC Adapter
Model Number
Input Voltage Range
Efficiency Level
Rated Output Voltage
Rated Output Current
MDS-030AAC05
85-264Vac
Level VI
5Vdc
3A
MDS-030AAC07
Level V
7Vdc
3A
MDS-030AAC12
Level VI
12Vdc
2A
MDS-030AAC15
Level VI
15Vdc
2A
MDS-030AAC24
Level VI
24Vdc
1.25A
Model Numbering
MDS –
030
AAC
Delta Medical
Power Supply
Max wattage in the
product series
Family Code
Output Voltage (Single
Output)
Revision Code
1
Revision Code
2
- 05 for 5V
- 07 for 7V
- 12 for 12V
- 15 for 15V
- 24 for 24V
DC plug type and output cable length
A:2.1 x 5.5 x10mm DC plug
B:2.1 x 5.5 x12mm DC plug
Both A & B are 1200mm cable length
Country duck-head type
A:China ; B:United States;
C:European; D:United Kingdom;
E:Australia; G:Korea; H: India,
J :Argentina ; K:Brazil;
M:South Africa
* MDS-030AAC15 BB is not available.


Similar Part No. - MDS-030AAC24

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-005AAS05-B DELTA-MDS-005AAS05-B Datasheet
848Kb / 10P
   MDS Medical AC-DC Wall Mount Adapter
logo
Adam Technologies, Inc.
MDS-008 ADAM-TECH-MDS-008 Datasheet
154Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
Delta Electronics, Inc.
MDS-040APS12-B DELTA-MDS-040APS12-B Datasheet
572Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS12B DELTA-MDS-040APS12B Datasheet
572Kb / 10P
   Medical AC-DC Open Frame
MDS-040APS12BA DELTA-MDS-040APS12BA Datasheet
826Kb / 11P
   MDS Medical AC-DC Open Frame
More results

Similar Description - MDS-030AAC24

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS24B DELTA-MDS-060AAS24B Datasheet
623Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS19B DELTA-MDS-060AAS19B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS15F DELTA-MDS-090AAS15F Datasheet
574Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19-F DELTA-MDS-090AAS19-F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15BA DELTA-MDS-090AAS15BA Datasheet
719Kb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS19BA DELTA-MDS-150AAS19BA Datasheet
810Kb / 10P
   MDS Medical AC-DC Adapter
MDS-060AAS19-B DELTA-MDS-060AAS19-B Datasheet
617Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15-F DELTA-MDS-090AAS15-F Datasheet
574Kb / 10P
   MDS Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com