Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5055681181 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5055681181
Description  Micro-Lock Plus Wire-to-Board Connector System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

5055681181 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5055681181 Datasheet HTML 1Page - Molex Electronics Ltd. 5055681181 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Material Info
Reference - Drawing Numbers
Packaging Specification
5055689200-200
Product Specification
5055650002-000
Sales Drawing
SD-505568-011, SD-505568-012
This document was generated on 05/26/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5055681181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5055681171 MOLEX1-5055681171 Datasheet
48Kb / 2P
   Micro-Lock PLUS Vertical Header, 1.25mm Pitch, Single Row, Tin-Bismuth Plating,11 Circuits, Black
More results

Similar Description - 5055681181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5054330871 MOLEX1-5054330871 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054331881 MOLEX1-5054331881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054334281 MOLEX1-5054334281 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5055670571 MOLEX1-5055670571 Datasheet
37Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054330881 MOLEX1-5054330881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333481 MOLEX1-5054333481 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054333881 MOLEX1-5054333881 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054332481 MOLEX1-5054332481 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054481271 MOLEX1-5054481271 Datasheet
39Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054481471 MOLEX1-5054481471 Datasheet
39Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
5054331081 MOLEX1-5054331081 Datasheet
38Kb / 2P
   Micro-Lock Plus Wire-to-Board Connector System
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com