Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRSP0020DD-B Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PRSP0020DD-B
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PRSP0020DD-B Datasheet(HTML) 1 Page - Renesas Technology Corp

  PRSP0020DD-B Datasheet HTML 1Page - Renesas Technology Corp PRSP0020DD-B Datasheet HTML 2Page - Renesas Technology Corp PRSP0020DD-B Datasheet HTML 3Page - Renesas Technology Corp PRSP0020DD-B Datasheet HTML 4Page - Renesas Technology Corp PRSP0020DD-B Datasheet HTML 5Page - Renesas Technology Corp PRSP0020DD-B Datasheet HTML 6Page - Renesas Technology Corp PRSP0020DD-B Datasheet HTML 7Page - Renesas Technology Corp PRSP0020DD-B Datasheet HTML 8Page - Renesas Technology Corp PRSP0020DD-B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R03DS0008EJ0301 Rev.3.01
Page 1 of 11
Jan 08, 2016
Data Sheet
R2A20104/114 Series
Continuous Conduction Mode Interleaving
PFC Control IC
Description
R2A20104/114 series is a boost converter control IC with PFC (Power Factor Correction). Employing continuous
conduction mode interleaving PFC, it performs higher efficiency and lower switching noise even for high power use.
The control of continuous conduction mode is carried out by detecting the current in power MOSFET. The R2A20114
series supports two types of current detection methods; current detection by current transformers (R2A20104SP/FP),
and that by shunt resisters (R2A20114SP/FP). So that, it can be applicable for a variety of applications. Interleaving
control of the boost converters, namely, producing 180 degrees phase shift between the output signals (GD1,2) driving
the boost converters, enables the system to perform high conversion efficiency and low switching noises and, at the
same time, to reduces ripple currents in input and output current and then this allows use of smaller components such as
boost inductors, input filters and output capacitors. R2A20114 series integrates a various kinds of protection circuits,
such as the detection circuit of breaking of wire in feedback loop, two modes of over voltage protection circuits, over
current protection circuit and error output circuit (*1), which improve the reliability of the power supply system and
reduce the number of component parts on the system.
Features
• Maximum Ratings
⎯ Supply voltage Vcc: 24 V
⎯ Junction temperature Tj: from –40 to +150 degrees centigrade
• Electrical characteristics
⎯ VFB feedback voltage VREF: 2.5 V ± 1.5%
⎯ UVLO (Undervoltage Lockout) operation start voltage VH: 10.4 V ± 0.7 V
⎯ UVLO operation shutdown voltage VL: 8.9 V ± 0.5 V
⎯ UVLO hysteresis voltage Hysuvl : 1.5 V ± 0.5 V
• Functions
⎯ Boost converter control with continuous conduction mode
⎯ Interleaving control
⎯ Frequency modulation (*2)
⎯ Brownout
⎯ Phase drop (*1)
⎯ External clock synchronization input
⎯ External clock synchronization output (*1)
⎯ Two modes of over voltage protections
Mode 1: Dynamic OVP preventing over voltage after sudden variation of load.
Mode 2: Static OVP preventing over voltage in the period of normal operation.
⎯ Feedback loop wire breaking/open detector
⎯ Dual over voltage protection circuits (*1): FB and OVP2 terminals
⎯ Current balance control
⎯ Phase 1 and Phase 2 independent over current protection
⎯ Package line-up
Pb-free LQFP-40 (R2A20104FP, R2A20114FP)
Pb-free SOP-20 (R2A20104SP, R2A20114SP)
Notes: *1 Supported only by R2A20104FP and R2A20114FP
*2 Frequency modulation periods (dfm) of R2A20104SP and R2A20114SP are fixed.
R03DS0008EJ0301
Rev.3.01
Jan 08, 2016


Similar Part No. - PRSP0020DD-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PRSP0008DL-A RENESAS-PRSP0008DL-A Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
PRSP0016DR-A RENESAS-PRSP0016DR-A Datasheet
740Kb / 10P
   Gate Driver IC for IGBTs and SiC MOSFETs
Feb. 2023 Rev0.2
More results

Similar Description - PRSP0020DD-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com