Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9009 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9009
Description  LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9009 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9009 Datasheet HTML 4Page - Renesas Technology Corp PS9009 Datasheet HTML 5Page - Renesas Technology Corp PS9009 Datasheet HTML 6Page - Renesas Technology Corp PS9009 Datasheet HTML 7Page - Renesas Technology Corp PS9009 Datasheet HTML 8Page - Renesas Technology Corp PS9009 Datasheet HTML 9Page - Renesas Technology Corp PS9009 Datasheet HTML 10Page - Renesas Technology Corp PS9009 Datasheet HTML 11Page - Renesas Technology Corp PS9009 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PS9009
Chapter Title
R08DS0133EJ0200 Rev.2.00
Page 8 of 15
Mar 11, 2016
Remark
The graphs indicate nominal characteristics.
0
25
50
75
100
0
50
100
150
200
Forward Current IF (mA)
Ambient Temperature TA (°C)
PROPAGATION DELAY TIME
vs. AMBIENT TEMPERATURE
PULSE WIDE DISTORTION
vs. FORWARD CURRENT
010
15
20
25
-50
-25
0
25
50
75
125 150
0
50
100
150
200
Forward Current IF (mA)
PROPAGATION DELAY TIME
vs. FORWARD CURRENT
0
5
510
15
20
25
0
25
50
75
100
Ambient Temperature TA (°C)
PULSE WIDE DISTORTION
vs. AMBIENT TEMPERATURE
-50
-25
0
25
50
75
125
100
100
150
-50
-25
0
25
50
75
125
100
150
2.5
2.7
2.9
3.1
3.3
3.7
3.5
Ambient Temperature TA (°C)
HIGH LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
-50
-25
0
25
50
75
125
100
150
17.0
17.5
18.0
18.5
19.0
20.0
19.5
Ambient Temperature TA (°C)
HIGH LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Vcc = 4.5V
IO = 2.6mA
IF = 5mA
Vcc = 20V
IO = 2.6mA
IF = 5mA
tPLH
tPHL
Vcc = 4.5V
IF = 5 ↔ 0mA
CL = 15pF
Vcc = 4.5V
IF = 5 ↔ 0mA
CL = 15pF
Vcc = 4.5V
CL = 15pF
tPLH
tPHL
Vcc = 4.5V
CL = 15pF


Similar Part No. - PS9009

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9001 RENESAS-PS9001 Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001-F3 RENESAS-PS9001-F3 Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001-V RENESAS-PS9001-V Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001-V-F3 RENESAS-PS9001-V-F3 Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
PS9001-Y-AX RENESAS-PS9001-Y-AX Datasheet
859Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
More results

Similar Description - PS9009

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
   LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9013 RENESAS-PS9013 Datasheet
999Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9209A RENESAS-RV1S9209A Datasheet
5Mb / 16P
   LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,
Mar 29,2021
logo
California Eastern Labs
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
   Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
   1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9715 NEC-PS9715 Datasheet
62Kb / 6P
   HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com