Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9031-F3 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS9031-F3
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9031-F3 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS9031-F3 Datasheet HTML 5Page - Renesas Technology Corp PS9031-F3 Datasheet HTML 6Page - Renesas Technology Corp PS9031-F3 Datasheet HTML 7Page - Renesas Technology Corp PS9031-F3 Datasheet HTML 8Page - Renesas Technology Corp PS9031-F3 Datasheet HTML 9Page - Renesas Technology Corp PS9031-F3 Datasheet HTML 10Page - Renesas Technology Corp PS9031-F3 Datasheet HTML 11Page - Renesas Technology Corp PS9031-F3 Datasheet HTML 12Page - Renesas Technology Corp PS9031-F3 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PS9031
Chapter Title
R08DS0131EJ0200 Rev.2.00
Page 9 of 18
Mar 11, 2016
Remark
The graphs indicate nominal characteristics.
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
6
8
10
12
14
16

175

150

125

100

75

50
25
0
tPHL
PWD
tPLH
15
20
25
30
175
150
125
100

75
50
25
0
tPHL
PWD
tPLH
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
10
020
30
40
50

175

150

125

100

75

50
25
0
tPHL
tPLH
PWD
0.0
0.5
1.0
1.5
2.5
2.0
6

4

2
0
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD RESISTANCE
0
255075

175

150

125

100

75

50

25
0
tPHL
PWD
tPLH
Load Resistance Rg (W)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
0
-50
-25
25
50
75
100

175

150

125

100

75

50

25
0
tPHL
tPLH
125
150
PWD
VCC = 30 V,
VEE = GND,
IF = 0 mA
TA = 25°C
TA = 125°C
TA =-40°C
VCC = 30 V, VEE = GND,
Rg = 10 W, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
VEE = GND, IF = 10 mA,
Rg = 10 W, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
VCC = 30 V, VEE = GND,
IF = 10 mA, Rg = 10 W,
f = 10 kHz, Duty cycle = 50%
VCC = 30 V, VEE = GND,
IF = 10 mA, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
VCC = 30 V, VEE = GND,
IF = 10 mA,
Rg = 10 W, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%


Similar Part No. - PS9031-F3

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS9030AD SENSORTECHNICS-PS9030AD Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9030AE SENSORTECHNICS-PS9030AE Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9030AF SENSORTECHNICS-PS9030AF Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9030AG SENSORTECHNICS-PS9030AG Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9030GD SENSORTECHNICS-PS9030GD Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
More results

Similar Description - PS9031-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9231A RENESAS-RV1S9231A Datasheet
5Mb / 19P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,
Mar 29,2021
RV1S9207A RENESAS-RV1S9207A Datasheet
1Mb / 19P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,
Mar 29,2021
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9905 RENESAS-PS9905_15 Datasheet
322Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com