Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD210808ASCL Datasheet(PDF) 10 Page - Advanced Linear Devices

Part # ALD210808ASCL
Description  PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD210808ASCL Datasheet(HTML) 10 Page - Advanced Linear Devices

Back Button ALD210808ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD210808ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD210808ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD210808ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD210808ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD210808ASCL Datasheet HTML 9Page - Advanced Linear Devices ALD210808ASCL Datasheet HTML 10Page - Advanced Linear Devices ALD210808ASCL Datasheet HTML 11Page - Advanced Linear Devices ALD210808ASCL Datasheet HTML 12Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ALD210808A/ALD210808
Advanced Linear Devices
10 of 12
CASCODE CURRENT SOURCES
BASIC CURRENT SOURCES
P- CHANNEL CURRENT SOURCE
N- CHANNEL CURRENT SOURCE
TYPICAL APPLICATIONS (cont.)
ISET
V+ = +5V
M2
ISOURCE
RSET
M3
M1
M1, M2, M3, M4: N - Channel MOSFET
where M1 and M2 is a matched pair
and M3 and M4 is a second matched pair.
M4
M1, M2:
ALD1101,
ALD1116,
ALD2129xx,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1106, or
1/2 ALD2108xx
V+ = +5V
RSOURCE
M3, M4:
ALD1101,
ALD1116,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1106, or
1/2 ALD2108xx
ISOURCE
V+ = +5V
RSET
ISET
1
2
3
M1
5
6
8
M2
7
M1, M2 :N - Channel MOSFET
V+ = +5V
RSOURCE
M1, M2:
ALD1101,
ALD1116,
ALD1109xx,
ALD2129xx,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1106,
1/2 ALD1108xx, or
1/2 ALD2108xx
ISOURCE = ISET =
V+ - Vt
RSET
where Vt = VGS - VGS(th) = VDS
V+ = +5V
2
3
5
6
7
8
M4
ISOURCE
M3
RSET
ISET
M3, M4: P - Channel MOSFET
RSOURCE
M3, M4:
ALD1102,
ALD1117,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1107, or
1/2 ALD3107xx
ISET
V+ = +5V
M1
M3
M2
M4
ISOURCE
RSET
M1, M2, M3, M4: P - Channel MOSFET
where M1 and M2 is a matched pair
and M3 and M4 is a second matched pair.
ISOURCE = ISET =
V+ - 2Vt
RSET
where Vt = VGS - VGS(th) = VDS
RSOURCE
M1, M2:
ALD1102,
ALD1117,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1107, or
1/2 ALD3107xx
M3, M4:
ALD1102,
ALD1117,
1/2 ALD1103,
1/2 ALD1105,
1/2 ALD1107, or
1/2 ALD3107xx


Similar Part No. - ALD210808ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD210808ASCL ALD-ALD210808ASCL Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
2019
More results

Similar Description - ALD210808ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD210802 ALD-ALD210802 Datasheet
107Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD210804 ALD-ALD210804 Datasheet
107Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD210800 ALD-ALD210800 Datasheet
112Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
   QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD212908 ALD-ALD212908 Datasheet
111Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE MATCHED PAIR
ALD212902 ALD-ALD212902 Datasheet
105Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER MATCHED PAIR
ALD212904 ALD-ALD212904 Datasheet
105Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY DUAL HIGH DRIVE NANOPOWER MATCHED PAIR
ALD310704 ALD-ALD310704 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD310702 ALD-ALD310702 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD114835 ALD-ALD114835 Datasheet
108Kb / 11P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com