Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9031-Y-V-F3-AX Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9031-Y-V-F3-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9031-Y-V-F3-AX Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9031-Y-V-F3-AX Datasheet HTML 1Page - Renesas Technology Corp PS9031-Y-V-F3-AX Datasheet HTML 2Page - Renesas Technology Corp PS9031-Y-V-F3-AX Datasheet HTML 3Page - Renesas Technology Corp PS9031-Y-V-F3-AX Datasheet HTML 4Page - Renesas Technology Corp PS9031-Y-V-F3-AX Datasheet HTML 5Page - Renesas Technology Corp PS9031-Y-V-F3-AX Datasheet HTML 6Page - Renesas Technology Corp PS9031-Y-V-F3-AX Datasheet HTML 7Page - Renesas Technology Corp PS9031-Y-V-F3-AX Datasheet HTML 8Page - Renesas Technology Corp PS9031-Y-V-F3-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
PS9031
Chapter Title
R08DS0131EJ0200 Rev.2.00
Page 5 of 18
Mar 11, 2016
ELECTRICAL CHARACTERISTICS
(at RECOMMENDED OPERATING CONDITIONS, VEE=GND, unless otherwise Specified)
Parameter
Symbol
Conditions
MIN.
TYP.*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
C
1.35
1.56
1.75
V
Reverse Current
IR
VR = 3 V, TA = 25
C
10
A
Input Capacitance
CIN
f = 1 MHz, VF = 0 V
30
pF
Detector
High Level Output Current
IOH
VO = (VCC
 4 V) *2
0.5
2.2
A
VO = (VCC
 15 V) *3
2.0
Low Level Output Current
IOL
VO = (VEE + 2.5 V) *2
0.5
2.4
A
VO = (VEE + 15 V) *3
2.0
High Level Output Voltage
VOH
IO =
100 mA *4
VCC
 3.0 VCC  1.3
V
Low Level Output Voltage
VOL
IO = 100 mA
0.2
0.5
V
High Level Supply Current
ICCH
VO = Open, IF = 10 mA
1.7
2.2
mA
Low Level Supply Current
ICCL
VO = Open, VF = 0 to 0.8V
1.7
2.2
mA
UVLO Threshold
VUVLO+
VO > 5 V, IF = 10 mA
10.8
12.3
13.4
V
VUVLO
9.5
11.0
12.5
UVLO Hysteresis
UVLOHYS
VO > 5 V, IF = 10 mA
0.4
1.3
V
Coupled
Threshold Input Current
(L
 H)
IFLH
IO = 0 mA, VO > 5 V
1.7
4.0
mA
Threshold Input Voltage
(H
 L)
VFHL
IO = 0 mA, VO < 5 V
0.8
V
Notes: *1. Typical values at TA = 25
C, VCC  VEE = 30 V.
*2. Maximum pulse width = 50
s, Maximum duty cycle = 0.5%.
*3. Maximum pulse width = 10
s, Maximum duty cycle = 0.2%.
*4. VOH is measured with the DC load current in this testing (Maximum pulse width = 2 ms, Maximum duty cycle
= 20%).
SWITCHING CHARACTERISTICS
(at RECOMMENDED OPERATING CONDITIONS, VEE=GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.*1
MAX.
Unit
Propagation Delay Time (L
 H)
tPLH
Rg = 10
, Cg = 10 nF,
80
175
ns
Propagation Delay Time (H
 L)
tPHL
f = 10 kHz,
105
175
ns
Pulse Width Distortion (PWD)
|tPHL
tPLH| Duty Cycle = 50%,
25
75
ns
Propagation Delay Time
(Difference Between Any Two
Products)
tPHL
tPLH
IF = 10 mA
90
90
ns
Rise Time
tr
40
ns
Fall Time
tf
40
ns
Common Mode Transient
Immunity at High Level Output
|CMH|
TA = 25
C, IF = 10 mA,
VCC = 30 V, VCM = 1.5 kV
50
kV/
s
Common Mode Transient
Immunity at Low Level Output
|CML|
TA = 25
C, IF = 0 mA,
VCC = 30 V, VCM = 1.5 kV
50
kV/
s
Notes: *1. Typical values at TA = 25
C, VCCVEE = 30 V.


Similar Part No. - PS9031-Y-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS9030AD SENSORTECHNICS-PS9030AD Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9030AE SENSORTECHNICS-PS9030AE Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9030AF SENSORTECHNICS-PS9030AF Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9030AG SENSORTECHNICS-PS9030AG Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
PS9030GD SENSORTECHNICS-PS9030GD Datasheet
256Kb / 4P
   OEM silicon stainless steel pressure sensor
More results

Similar Description - PS9031-Y-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9231A RENESAS-RV1S9231A Datasheet
5Mb / 19P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,
Mar 29,2021
RV1S9207A RENESAS-RV1S9207A Datasheet
1Mb / 19P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE,
Mar 29,2021
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
PS9905 RENESAS-PS9905_15 Datasheet
322Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com