Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMPA0913C-58 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RMPA0913C-58
Description  3.5V AMPS/CDMA Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMPA0913C-58 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RMPA0913C-58 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Raytheon RF Components
362 Lowell Street
Andover, MA 01810
Revised March 30, 2000
Page 3
www.raytheon.com/micro
Characteristic performance data and specifications are subject to change without notice.
PRODUCT INFORMATION
CAUTION: LOSS OF GATE VOLTAGES (VG1, VG2) WHILE DRAIN VOLTAGES (VD1,VD2) ARE PRESENT MAY
DAMAGE THE AMPLIFIER.
The following sequence must be followed to properly test the amplifier:
Step 1: Turn off RF input power.
Step 2: Use GND terminal of the evaluation board for
the ground of the DC supplies. Slowly apply
gate supply voltages of -3.0 V to the board
terminals Vgg1, Vgg2 to pinch-off the two
stages.
Step 3: Slowly apply drain supply voltage of +3.5 V to
the board terminals Vdd.
Step 4: Adjust the gate supply voltages Vgg1, Vgg2 to
the values shown on the data summary supplied
with the sample. (First adjust Vgg2 to set Idq2.
Then adjust Vgg1 to set Iddq=Idq1+Idq2. These
gate voltages need not be changed. However,
Vgg1,Vgg2 may be adjusted only when different
quiescent bias currents are desired for
performance trade-off evaluation).
Step 5: After the bias condition is established, RF input
signal may now be applied at the appropriate
frequency band. Adjust RF input signal power
level as required.
Step 6: Follow turn-off sequence of:
(i) Turn off RF Input Power
(ii) Turn down and off drain voltage Vdd.
(iii) Turn down and off gate voltages Vgg1, Vgg2.
Test Procedure
for the evaluation board
(RMPA0913C-58)
Figure 3
Schematic
for a Typical Test
Evaluation Board
Evaluation Board Schematic
Ver.6, 4/28/98
Board Type: Multi Layer FR4
Signal to Ground Separation: 0.016”
RMPA0913C-58
3.5V AMPS/CDMA Power Amplifier


Similar Part No. - RMPA0913C-58

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA0951AT FAIRCHILD-RMPA0951AT Datasheet
555Kb / 11P
   3V Cellular CDMA PowerEdge Power Amplifier Module
RMPA0959 FAIRCHILD-RMPA0959 Datasheet
519Kb / 13P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0963 FAIRCHILD-RMPA0963 Datasheet
128Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
More results

Similar Description - RMPA0913C-58

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
   CDMA/AMPS Power Amplifier
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
   PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
   KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
   CDMA/AMPS Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
   CDMA/AMPS Power Amplifier Module
logo
List of Unclassifed Man...
FC7113 ETC-FC7113 Datasheet
130Kb / 5P
   Power Amplifier Module for CDMA/AMPS
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
   Power Amplifier Module for CDMA/AMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com