Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP60N06VDK-E1-AY Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP60N06VDK-E1-AY
Description  60 V ??60 A ??N-channel Power MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP60N06VDK-E1-AY Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP60N06VDK-E1-AY Datasheet HTML 1Page - Renesas Technology Corp NP60N06VDK-E1-AY Datasheet HTML 2Page - Renesas Technology Corp NP60N06VDK-E1-AY Datasheet HTML 3Page - Renesas Technology Corp NP60N06VDK-E1-AY Datasheet HTML 4Page - Renesas Technology Corp NP60N06VDK-E1-AY Datasheet HTML 5Page - Renesas Technology Corp NP60N06VDK-E1-AY Datasheet HTML 6Page - Renesas Technology Corp NP60N06VDK-E1-AY Datasheet HTML 7Page - Renesas Technology Corp NP60N06VDK-E1-AY Datasheet HTML 8Page - Renesas Technology Corp NP60N06VDK-E1-AY Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NP60N06VDK
R07DS1340EJ0100 Rev.1.00
Page 3 of 7
Apr 8, 2016
Electrical Characteristics
(TA = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 60 V, VGS = 0 V
Gate Leakage Current
IGSS
±100
nA
VGS = ±20 V, VDS = 0 V
Gate to Source Threshold Voltage
VGS(th)
1.5
2.1
2.5
V
VDS = VGS, ID = 250 μA
Forward Transfer Admittance
1
| yfs |
33
54
S
VDS = 5 V, ID = 30 A
Drain to Source On-state
Resistance
1
RDS(on)1
6.1
7.9
m
Ω
VGS = 10 V, ID = 30 A
RDS(on)2
7.4
12.0
m
Ω
VGS = 4.5 V, ID = 15 A
Input Capacitance
Ciss
2400
3600
pF
VDS = 25 V,
VGS = 0 V,
f = 1 MHz
Output Capacitance
Coss
230
350
pF
Reverse Transfer Capacitance
Crss
80
150
pF
Turn-on Delay Time
td(on)
18
40
ns
VDD = 30 V, ID = 30 A,
VGS = 10 V,
RG = 0 Ω
Rise Time
tr
6
20
ns
Turn-off Delay Time
td(off)
45
90
ns
Fall Time
tf
3
10
ns
Total Gate Charge
QG
37
56
nC
VDD = 48 V,
VGS = 10 V,
ID = 60 A
Gate to Source Charge
QGS
9
nC
Gate to Drain Charge
QGD
8
nC
Body Diode Forward Voltage
1
VF(S-D)
0.9
1.5
V
IF = 60 A, VGS = 0 V
Reverse Recovery Time
trr
32
ns
IF = 60 A, VGS = 0 V,
di/dt = 100 A/
μs
Reverse Recovery Charge
Qrr
30
nC
Note: *1. Pulsed test
TEST CIRCUIT 3 GATE CHARGE
VGS = 20 → 0 V
PG.
RG = 25 Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
Duty Cycle
≤ 1%
τ = 1 μs
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
V
DS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - NP60N06VDK-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N06VDK-E1-AY RENESAS-NP60N06VDK-E1-AY Datasheet
442Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N06VDK-E1-AY RENESAS-NP60N06VDK-E1-AY Datasheet
442Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results

Similar Description - NP60N06VDK-E1-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06PLK RENESAS-NP60N06PLK Datasheet
544Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK_V01 Datasheet
445Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N60VDK RENESAS-NP60N60VDK Datasheet
442Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N06VDK RENESAS-NP60N06VDK_V01 Datasheet
442Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PDK RENESAS-NP60N06PDK_V01 Datasheet
528Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06VLK RENESAS-NP60N06VLK_V01 Datasheet
446Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PLK RENESAS-NP60N06PLK_V01 Datasheet
529Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP89N06PDK RENESAS-NP89N06PDK Datasheet
548Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com