Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT4403-SOT23 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MMBT4403-SOT23
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MMBT4403-SOT23 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MMBT4403-SOT23 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT4403-SOT23 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBT4403-SOT23 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characterisitics
10
20
30
40
10
100
0.1
1
10
100
0
200
400
600
800
1000
0
25
50
75
100
125
150
0
100
200
300
400
0.1
1
10
100
10
100
1000
0
0
1
0
1
1
10
100
1000
0
1
1
1
.
0
1
10
100
0
200
400
600
800
1000
1200
0.1
1
10
100
0
1
2
3
4
0
50
100
150
200
250
500
600
I
C
f
T
——
COMMON EMITTER
V
CE=10V
T
a=25
COLLECTOR CURRENT I
C
(mA)
600
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
Ta =100 ℃
Ta=25℃
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
600
600
Ta=100 ℃
Ta=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
0.5
I
C
h
FE
——
Ta=100℃
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
VCE= 1V
30
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/VEB
C
ob/Cib
——
Cob
Cib
REVERSE VOLTAGE V (V)
BASE-EMMITER VOLTAGE V
BE (mV)
I
C
—— V
BE
COMMON EMITTER
V
CE=1V
Static Characteristic
COMMON
EMITTER
Ta =25℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.2mA
0.3mA
0.4mA
I
B=0.1mA
MMBT4403
www.yfwdiode.com


Similar Part No. - MMBT4403-SOT23

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT4403-3 KEXIN-MMBT4403-3_15 Datasheet
1Mb / 2P
   PNP Transistors
logo
Diodes Incorporated
MMBT4403-7 DIODES-MMBT4403-7 Datasheet
55Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30058 Rev. 3 - 2
MMBT4403-7 DIODES-MMBT4403-7 Datasheet
80Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30058 Rev. 7 - 2
MMBT4403-7-F DIODES-MMBT4403-7-F Datasheet
137Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30058 Rev. 9 - 2
logo
Unisonic Technologies
MMBT4403-AE3-R UTC-MMBT4403-AE3-R Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMBT4403-SOT23

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com