Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1860QDBTRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1860QDBTRQ1
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1860QDBTRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1860QDBTRQ1 Datasheet HTML 1Page - Texas Instruments PCM1860QDBTRQ1 Datasheet HTML 2Page - Texas Instruments PCM1860QDBTRQ1 Datasheet HTML 3Page - Texas Instruments PCM1860QDBTRQ1 Datasheet HTML 4Page - Texas Instruments PCM1860QDBTRQ1 Datasheet HTML 5Page - Texas Instruments PCM1860QDBTRQ1 Datasheet HTML 6Page - Texas Instruments PCM1860QDBTRQ1 Datasheet HTML 7Page - Texas Instruments PCM1860QDBTRQ1 Datasheet HTML 8Page - Texas Instruments PCM1860QDBTRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
Copyright © 2017, Texas Instruments Incorporated
LRCK
BCK
DOUT
SW mix
PCM5100
PCM5121
DOUT
BCK
LRCK
IN
LINE
IN
MIC
TMS320C5535
PCM186x-Q1
TPA3116
TPA3116
Burr-BrownAudio
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
PCM186x-Q1 Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
1
1 Features
1
AEC-Q100 Qualified for Automotive Applications
Temperature Grade 1: –40°C
≤ TA ≤ +125°C
HBM ESD Classification Level 2
CDM ESD Classification Level C5
High SNR Performance:
110-dB SNR (PCM1861-Q1/63-Q1/65-Q1)
103-dB SNR (PCM1860-Q1/62-Q1/64-Q1)
ADC Sample Rate (fS) = 8 kHz to 192 kHz
Up To Four Independent ADC Channels Available
Single-Ended, 2.1-VRMS Full-Scale (FS) Input
Differential, 4.2-VRMS FS Input
Hardware (HW) Control: PCM1860-Q1/61-Q1
Software (SW) Control (I2C or SPI):
PCM1862-Q1/63-Q1/64-Q1/65-Q1
Support for Up To Four Digital Microphones
(SW-Controlled Devices)
Programmable Gain Amplifier (PGA):
Fixed Gain: 0 dB, 12 dB, 32 dB
(PCM1860-Q1/61-Q1)
SW-Controlled Gain: –12 dB to +32 dB
(PCM1862-Q1/63-Q1/64-Q1/65-Q1)
Integrated High-Performance Audio PLL
Single 3.3-V Power-Supply Operation
Power Dissipation at 3.3 V:
< 85 mW (PCM1860-Q1/61-Q1/62-Q1/63-Q1)
< 145 mW (PCM1864-Q1/65-Q1)
Energysense Audio Content Detector for Auto
System Wakeup and Sleep
Master or Slave Audio Interface
Automatic PGA Clipping Suppression Control
PCB-Footprint Compatibility Across All Devices
2 Applications
Automotive Head Units
External Car Amplifiers
Telematics Control Unit (TCU)
3 Description
The PCM186x-Q1 family (PCM1860-Q1, PCM1861-
Q1, PCM1862-Q1, PCM1863-Q1, PCM1864-Q1, and
PCM1865-Q1) of audio front-end devices take a new
approach
to
audio-function
integration
to
ease
compliance with European Ecodesign legislation,
while enabling high-performance end products at
reduced cost. The PCM186x-Q1 support single-
supply operation at 3.3 V, and offer an integrated
programable gain amplifier (PGA) in a small package;
this configuration makes it feasible to implement
smaller and smarter products at a reduced cost.
The PCM186x-Q1 audio front end supports single-
ended input levels from small-mV microphone inputs
to 2.1-VRMS line inputs, without external resistor
dividers. The front-end mixer (MIX), multiplexer
(MUX), and PGA also support differential (Diff),
pseudo-differential, and single-ended (SE) inputs,
making these devices an ideal interface for products
that require interference suppression. The PCM186x-
Q1 integrate many system-level functions that assist
or replace some DSP functions.
An integrated band-gap voltage reference provides
excellent PSRR, so that a dedicated analog 3.3-V rail
may not be required.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PCM186x-Q1
TSSOP (30)
7.80 mm × 4.40 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Simplified Application Diagram


Similar Part No. - PCM1860QDBTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1860 TI1-PCM1860 Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1860DBT TI1-PCM1860DBT Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1860DBTR TI1-PCM1860DBTR Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1860 TI-PCM1860_15 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 103 dB 2ch and 4ch Audio ADCs With Universal Front End
More results

Similar Description - PCM1860QDBTRQ1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
   192 kHz 4-ch Audio CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
   Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Texas Instruments
PCM5310 TI-PCM5310 Datasheet
1Mb / 103P
[Old version datasheet]   24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
logo
Cirrus Logic
CS5364 CIRRUS-CS5364_09 Datasheet
380Kb / 42P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364_08 Datasheet
592Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364 Datasheet
708Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
logo
Texas Instruments
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
[Old version datasheet]   PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com