Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1863QDBTRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1863QDBTRQ1
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1863QDBTRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1863QDBTRQ1 Datasheet HTML 3Page - Texas Instruments PCM1863QDBTRQ1 Datasheet HTML 4Page - Texas Instruments PCM1863QDBTRQ1 Datasheet HTML 5Page - Texas Instruments PCM1863QDBTRQ1 Datasheet HTML 6Page - Texas Instruments PCM1863QDBTRQ1 Datasheet HTML 7Page - Texas Instruments PCM1863QDBTRQ1 Datasheet HTML 8Page - Texas Instruments PCM1863QDBTRQ1 Datasheet HTML 9Page - Texas Instruments PCM1863QDBTRQ1 Datasheet HTML 10Page - Texas Instruments PCM1863QDBTRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 141 page
background image
1
VINL2/VIN1M
30
VINR3/VIN3P
2
VINR2/VIN2M
29
VINL3/VIN4P
3
VINL1/VIN1P
28
VINR4/VIN3M
4
VINR1/VIN2P
27
VINL4/VIN4M
5
Mic Bias
26
MD0
6
VREF
25
MD1
7
AGND
24
MD3
8
AVDD
23
MD2
9
XO
22
MD4
10
XI
21
MD5
11
LDO
20
MD6
12
DGND
19
INT
13
DVDD
18
DOUT
14
IOVDD
17
BCK
15
SCKI
16
LRCK
Not to scale
7
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
www.ti.com
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
DBT Package: PCM1860-Q1 and PCM1861-Q1
30-Pin TSSOP
Top View


Similar Part No. - PCM1863QDBTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1863 TI-PCM1863 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PCM1863DBT TI-PCM1863DBT Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
PCM1863DBTR TI-PCM1863DBTR Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 110dB 2ch and 4ch Audio ADCs with Universal Front End
More results

Similar Description - PCM1863QDBTRQ1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
   192 kHz 4-ch Audio CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
   Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Texas Instruments
PCM5310 TI-PCM5310 Datasheet
1Mb / 103P
[Old version datasheet]   24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
logo
Cirrus Logic
CS5364 CIRRUS-CS5364_09 Datasheet
380Kb / 42P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364_08 Datasheet
592Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364 Datasheet
708Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
logo
Texas Instruments
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
[Old version datasheet]   PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com