Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22970YZPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22970YZPR
Description  3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22970YZPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22970YZPR Datasheet HTML 6Page - Texas Instruments TPS22970YZPR Datasheet HTML 7Page - Texas Instruments TPS22970YZPR Datasheet HTML 8Page - Texas Instruments TPS22970YZPR Datasheet HTML 9Page - Texas Instruments TPS22970YZPR Datasheet HTML 10Page - Texas Instruments TPS22970YZPR Datasheet HTML 11Page - Texas Instruments TPS22970YZPR Datasheet HTML 12Page - Texas Instruments TPS22970YZPR Datasheet HTML 13Page - Texas Instruments TPS22970YZPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SMPS
ON
OFF
TPS22970
V
IN
V
OUT
R
L
C
L
GND
ON
GND
C
IN
Copyright © 2017, Texas Instruments Incorporated
J(max)
A
D(max)
JA
T
T
P
-
=
θ
10
TPS22970
SLVSDF2 – MAY 2017
www.ti.com
Product Folder Links: TPS22970
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Input Capacitor (CIN)
It is recommended to use a capacitor between VIN and GND close to the device pins. This helps limit the voltage
droop on the input supply caused by transient inrush currents when the switch is turned on into a discharged
capacitor at the load. A 1-μF ceramic capacitor, CIN, is usually sufficient. Higher values of CIN can be used to
further reduce the voltage droop.
9.1.2 Output Capacitor (CL)
A CIN greater than CL is highly recommended due to the integrated body diode in the NMOS switch. A CL greater
than CIN can cause VOUT to exceed VIN when the system supply is removed. This could result in current flow
through the body diode from VOUT to VIN.
9.1.3 Thermal Consideration
It is recommended to limit the junction temperature (TJ) to below 125°C. To calculate the maximum allowable
dissipation, PD(max) for a given output current and ambient temperature, use Equation 1 as a guideline:
where
PD(max) is maximum allowable power dissipation
TJ(max) is maximum allowable junction temperature
TA is ambient temperature of the device
ΘJA is junction to air thermal impedance. See the Thermal Information section. This parameter is highly
dependent upon board layout
(1)
9.2 Typical Application
Figure 3. Typical Application Circuit


Similar Part No. - TPS22970YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22971YZPR TI1-TPS22971YZPR Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22971YZPT TI1-TPS22971YZPT Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975DSGR TI1-TPS22975DSGR Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results

Similar Description - TPS22970YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
[Old version datasheet]   3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com