Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1A24000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S1A24000
Description  SIP REED RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S1A24000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S1A24000 Datasheet HTML 1Page - List of Unclassifed Manufacturers S1A24000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S1A05000
5
500
3.75
1.0
10
10
standard
S1A12000
12
1000
9.0
1.2
12
20
standard
1A
S1A24000
24
2000
18.00
2.4
12
28
standard
SPST-NO
S1A050D0
5
500
3.75
1.0
10
10
with diode
S1A120D0
12
1000
9.0
1.2
12
20
with diode
S1A240D0
24
2000
18.00
2.4
12
28
with diode
S1C05M00
5
500
3.75
1.0
25
10
magnetic
S1C12M00
12
1000
9.00
1.2
24
20
shield
1A
S1C24M00
24
2000
18.00
2.4
12
28
SPST-NO
S1A050X00
5
500
3.75
1.0
25
10
diode +
S1A120X00
12
1000
9.00
1.2
24
20
magnetic
S1A240X00
24
2000
18.00
2.4
12
28
shield
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
TOLL FREE 1 (888) 922-8330
Fax (732) 922-6363
n Features
• Molded epoxy body
• High isolation coil/contact
• Can make high voltage contact
• Sealed construction permits automatic
flow soldering and cleaning
S Series
SIP REED RELAY
n Coil Rating (20°C)
Nominal
Coil
Must
Must
Rated
Continous
Special
Part Number
Voltage
Resistance
Operate
Release Current
Voltage
Features
(VDC)
(W) ± 10%
(VDC)
(VDC)
(mA)
(Max)
Contact
Form
1A
SPST-NO
High Resistance Coil for Low Power Consumption • High Effeciency
SS1A050099
5
1000
3.75
1.0
5
10
standard
SS1A120098
12
2000
9.00
1.2
6
20
standard
SS1A120099
12
3000
18.00
2.4
4
28
standard
UL E155513
C-UL E155513


Similar Part No. - S1A24000

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
S1A240000 COSMO-S1A240000 Datasheet
212Kb / 2P
   S1A240000
logo
Picker Components
S1A240000 PICKER-S1A240000 Datasheet
154Kb / 2P
   Single Inline Pack Reed Relay
More results

Similar Description - S1A24000

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
   Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
   Power SIP Relay
CPC1926 CLARE-CPC1926 Datasheet
102Kb / 5P
   Power SIP Relay
CPC1916Y CLARE-CPC1916Y Datasheet
467Kb / 5P
   Power SIP Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com