Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT32F52230 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT32F52230
Description  32-Bit ARM Cortex-M0 Microcontroller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT32F52230 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT32F52230 Datasheet HTML 4Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 5Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 6Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 7Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 8Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 9Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 10Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 11Page - Holtek Semiconductor Inc HT32F52230 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Rev. 1.21
8 of 39
April 11, 2017
32-Bit ARM® Cortex™-M0+ MCU
HT32F52220/HT32F52230
Reset Control Unit – RSTCU
Supply supervisor:
Power On Reset / Power Down Reset – POR/PDR
Brown-out Detector – BOD
Programmable Low Voltage Detector – LVD
The Reset Control Unit, RSTCU, has three kinds of reset, a power on reset, a system reset and an
APB unit reset. The power on reset, known as a cold reset, resets the full system during power up.
A system reset resets the processor core and peripheral IP components with the exception of the
SW-DP controller. The resets can be triggered by an external signal, internal events and the reset
generators.
Clock Control Unit – CKCU
External 4 to 16 MHz crystal oscillator
Internal 8 MHz RC oscillator trimmed to ±2 % accuracy at 3.3V operating voltage and 25°C operating
temperature
Internal 32 kHz RC oscillator
Integrated system clock PLL
Independent clock divider and gating bits for peripheral clock sources
The Clock Control unit, CKCU, provides a range of oscillator and clock functions. These include
a High Speed Internal RC oscillator (HSI), a High Speed External crystal oscillator (HSE), a
Low Speed Internal RC oscillator (LSI), a Phase Lock Loop (PLL), a HSE clock monitor, clock
prescalers, clock multiplexers, APB clock divider and gating circuitry. The AHB, APB and
CortexTM-M0+ clocks are derived from the system clock (CK_SYS) which can come from the HSI,
HSE or PLL. The Watchdog Timer and Real Time Clock (RTC) use the LSI as their clock source.
Power Management – PWRCU
Single VDD power supply: 2.0 V to 3.6 V
Integrated 1.5 V LDO regulator for CPU core, peripherals and memories power supply
Two power domains: VDD, 1.5 V.
Four power saving modes: Sleep, Deep-Sleep1, Deep-Sleep2, Power-Down
Power consumption can be regarded as one of the most important issues for many embedded
system applications. Accordingly the Power Control Unit, PWRCU, in these devices provides many
types of power saving modes such as Sleep, Deep-Sleep1, Deep-Sleep2 and Power-Down mode.
These operating modes reduce the power consumption and allow the application to achieve the best
trade-off between the conflicting demands of CPU operating time, speed and power consumption.


Similar Part No. - HT32F52230

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results

Similar Description - HT32F52230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com