Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27712 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27712
Description  620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27712 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27712 Datasheet HTML 5Page - Texas Instruments UCC27712 Datasheet HTML 6Page - Texas Instruments UCC27712 Datasheet HTML 7Page - Texas Instruments UCC27712 Datasheet HTML 8Page - Texas Instruments UCC27712 Datasheet HTML 9Page - Texas Instruments UCC27712 Datasheet HTML 10Page - Texas Instruments UCC27712 Datasheet HTML 11Page - Texas Instruments UCC27712 Datasheet HTML 12Page - Texas Instruments UCC27712 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0.6
0.7
0.8
0.9
1
D001
HI Hysteresis
LI Hysteresis
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
3.5
4
D001
VDD=10V
VDD=15V
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
D001
HI High Thresh
LI High Thresh
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D001
HI Low Thresh
LI Low Thresh
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
6.5
7
7.5
8
8.5
9
D001
HB UVLO On
HB UVLO Off
Temperature (oC)
-40
-20
0
20
40
60
80
100
120
0
0.25
0.5
0.75
1
1.25
1.5
D001
VDD Hysteresis
VHB Hysteresis
9
UCC27712
www.ti.com
SLUSCE9 – JUNE 2017
Product Folder Links: UCC27712
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 14. VHB-VHS UVLO Thresholds vs Temperature
Figure 15. VDD and VHB-VHS UVLO Hysteresis vs
Temperature
Figure 16. HI/LI Pin High Threshold vs Temperature
Figure 17. HI/LI Pin Low Threshold vs Temperature
Figure 18. HI/LI Pin Hysteresis vs Temperature
Figure 19. LO Output Pull-Down Resistance vs Temperature


Similar Part No. - UCC27712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712-Q1 TI1-UCC27712-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712QDQ1 TI1-UCC27712QDQ1 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712QDRQ1 TI1-UCC27712QDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
More results

Similar Description - UCC27712

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712-Q1 TI1-UCC27712-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
logo
STMicroelectronics
PM8841 STMICROELECTRONICS-PM8841 Datasheet
449Kb / 13P
   1 A low-side gate driver
October 2014 Rev 1
logo
Texas Instruments
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
logo
Infineon Technologies A...
2EDL803X INFINEON-2EDL803X Datasheet
1Mb / 32P
   120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
2EDL8X2X INFINEON-2EDL8X2X Datasheet
1Mb / 26P
   120 V Boot, 3 A / 4 A, Junction-Isolated High Side and Low Side Gate Driver ICs
Rev. 2.8, 2022-09-23
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com