Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28730 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28730
Description  Zero-Power Standby PSR Flyback Controller for Automotive
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28730 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28730 Datasheet HTML 4Page - Texas Instruments UCC28730 Datasheet HTML 5Page - Texas Instruments UCC28730 Datasheet HTML 6Page - Texas Instruments UCC28730 Datasheet HTML 7Page - Texas Instruments UCC28730 Datasheet HTML 8Page - Texas Instruments UCC28730 Datasheet HTML 9Page - Texas Instruments UCC28730 Datasheet HTML 10Page - Texas Instruments UCC28730 Datasheet HTML 11Page - Texas Instruments UCC28730 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
20
30
40
50
60
70
80
90
100
D011
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
7
8
9
10
11
D012
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
25
26
27
28
29
30
31
32
33
34
35
36
37
D009
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
D010
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
316
317
318
319
320
321
322
D007
Temperature (°C)
-50
-25
0
25
50
75
100
125
150
240
242
244
246
248
250
252
254
256
258
260
D008
8
UCC28730-Q1
SLUSCR9 – JUNE 2017
www.ti.com
Product Folder Links: UCC28730-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
VVDD = 25 V, TJ = 25°C, unless otherwise noted.
Figure 7. Constant-Current Regulation Factor vs.
Temperature
Figure 8. CS Minimum Threshold Voltage vs. Temperature
VVS = 4.35 V
Figure 9. Minimum Switching Frequency vs. Temperature
VVDD = 9 V
VDRV = 8 V
Figure 10. DRV Source Current vs. Temperature
Figure 11. Wake-Up Lower Threshold Voltage vs.
Temperature
VVS = 0 V
Figure 12. Wake-Up Qualification Delay Time vs.
Temperature


Similar Part No. - UCC28730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28730 TI-UCC28730 Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
UCC28730D TI-UCC28730D Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
UCC28730DR TI-UCC28730DR Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
UCC28730 TI-UCC28730_15 Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
More results

Similar Description - UCC28730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28730 TI-UCC28730_15 Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
logo
Renesas Technology Corp
IW9860 RENESAS-IW9860 Datasheet
462Kb / 7P
   Zero Standby Power AC/DC Digital Quasi-Resonant Flyback Controller for RapidChargeTM
01-Jul-2022
logo
Texas Instruments
UCC28740-Q1 TI1-UCC28740-Q1 Datasheet
822Kb / 39P
[Old version datasheet]   UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
logo
ON Semiconductor
NCV1362 ONSEMI-NCV1362_V01 Datasheet
645Kb / 31P
   Automotive Primary Side Flyback Controller
July, 2021 ??Rev. 5
NCV1362 ONSEMI-NCV1362 Datasheet
644Kb / 31P
   Automotive Primary Side Flyback Controller
June, 2021 ??Rev. 4
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Micro Linear Corporatio...
ML4813 MICRO-LINEAR-ML4813 Datasheet
265Kb / 15P
   Flyback Power Factor Controller
logo
Texas Instruments
LM5185-Q1 TI1-LM5185-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
LM25185-Q1 TI1-LM25185-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM25185-Q1 42-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
NOVEMBER 2023
LM5185-Q1 TI1-LM5185-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   LM5185-Q1 100-VIN, PSR, Flyback, Automotive, DC/DC Controller With Low IQ and Low EMI
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com