Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT69F340 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
Download  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 3Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 4Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 5Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 6Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 7Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 8Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 9Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 235 page
background image
Rev. 1.30
�ove��e� 1�� �01�
Rev. 1.30
7
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Features
CPU Features
• Operatingvoltage
fSYS=4MHz:1.8V~5.5V
fSYS=8MHz:2.0V~5.5V
fSYS=12MHz:2.7V~5.5V
fSYS=16MHz:4.5V~5.5V
• Upto0.25μsinstructioncyclewith16MHzsystemclockatVDD=5V
• Powerdownandwake-upfunctionstoreducepowerconsumption
• Fouroscillators
ExternalCrystal–HXT
InternalRC–HIRC
External32.768kHzCrystal– LXT
Internal32kHz–LIRC
• Fullyintegratedinternal4/8/12MHzoscillatorrequiresnoexternalcomponents
• Multi-modeoperation:NORMAL,SLOW,IDLEandSLEEP
• Allinstructionsexecutedinonetothreeinstructioncycles
• Tablereadinstructions
• 115powerfulinstructions
• 8-levelsubroutinenesting
• Bitmanipulationinstruction
Peripheral Features
• FlashProgramMemory:4K×16~16K×16
• RAMDataMemory:256×8~1024×8
• TrueEEPROMMemory:64×8~128×8
• InApplicationProgrammingfunction–IAP
• WatchdogTimerfunction
• Upto63bidirectionalI/Olines
• LCDdriverfunction
• Multiplepin-sharedexternalinterrupts
• MultipleTimerModulesfortimemeasure,inputcapture,comparematchoutput,PWMoutput
functionorsinglepulseoutputfunction
• DualTime-Basefunctionsforgenerationoffixedtimeinterruptsignals
• SerialInterfacesModule–SIMforSPIorI2C
• UARTInterface(OnlyforHT69F360)
• Lowvoltageresetfunction
• Lowvoltagedetectfunction
• Widerangeofavailablepackagetypes
• Flashprogrammemorycanbere-programmedupto100,000times
• Flashprogrammemorydataretention>10years
• TrueEEPROMdatamemorycanbere-programmedupto1,000,000times
• TrueEEPROMdatamemorydataretention>10years


Similar Part No. - HT69F340

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT69F30A HOLTEK-HT69F30A Datasheet
8Mb / 202P
   TinyPowerTM I/O Flash 8-Bit MCU with LCD & EEPROM
More results

Similar Description - HT69F340

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT69F30A HOLTEK-HT69F30A Datasheet
8Mb / 202P
   TinyPowerTM I/O Flash 8-Bit MCU with LCD & EEPROM
HT67F60A HOLTEK-HT67F60A Datasheet
6Mb / 242P
   TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F488 HOLTEK-HT67F488 Datasheet
6Mb / 171P
   TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
   I/O Flash Type MCU with EEPROM
HT48F06E HOLTEK-HT48F06E Datasheet
508Kb / 69P
   I/O Flash Type MCU with EEPROM
HT48F50E HOLTEK-HT48F50E Datasheet
423Kb / 62P
   I/O Flash Type MCU with EEPROM
HT48F70E HOLTEK-HT48F70E Datasheet
402Kb / 58P
   I/O Flash Type MCU with EEPROM
HT67F30 HOLTEK-HT67F30 Datasheet
6Mb / 242P
   TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
   Enhanced I/O Flash Type MCU with EEPROM
HT67F5630 HOLTEK-HT67F5630 Datasheet
6Mb / 147P
   TinyPowerTM 24-Bit Delta Sigma A/D Flash MCU with LCD & EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com